Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

053 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # 053
Description  SOT89 NPN medium power transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

053 Datasheet(HTML) 3 Page - Zetex Semiconductors

  053 Datasheet HTML 1Page - Zetex Semiconductors 053 Datasheet HTML 2Page - Zetex Semiconductors 053 Datasheet HTML 3Page - Zetex Semiconductors 053 Datasheet HTML 4Page - Zetex Semiconductors 053 Datasheet HTML 5Page - Zetex Semiconductors 053 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FCX1053A
Issue 2 - July 2006
3
www.zetex.com
© Zetex Semiconductors plc 2006
Thermal characteristics


Similar Part No. - 053

ManufacturerPart #DatasheetDescription
logo
Deep Sea Electronics
053-032 DSE-053-032 Datasheet
106Kb / 2P
   DSENET® OUTPUT EXPANSION MODULE
053-033 DSE-053-033 Datasheet
169Kb / 2P
   DSENET INPUT EXPANSION MODULE
053-034 DSE-053-034 Datasheet
180Kb / 2P
   DSENET OUTPUT EXPANSION MODULE
053-049 DSE-053-049 Datasheet
638Kb / 2P
   COMPACT BATTERY CHARGERS
053-049 DSE-053-049 Datasheet
229Kb / 2P
   24 Volt, 10 Amp Battery Charger
More results

Similar Description - 053

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FCX1051A DIODES-FCX1051A Datasheet
336Kb / 6P
   SOT89 NPN medium power transistor
FCX1051A DIODES-FCX1051A_15 Datasheet
336Kb / 6P
   SOT89 NPN medium power transistor
FCX1053A DIODES-FCX1053A Datasheet
427Kb / 6P
   SOT89 NPN medium power transistor
logo
Zetex Semiconductors
ZXTN25060BZ ZETEX-ZXTN25060BZ Datasheet
767Kb / 8P
   60V, SOT89, NPN medium power transistor
logo
Diodes Incorporated
ZXTN19055DZ DIODES-ZXTN19055DZ Datasheet
396Kb / 6P
   55V, SOT89, NPN medium power transistor
ZXTN25040DZ DIODES-ZXTN25040DZ Datasheet
766Kb / 8P
   40V, SOT89, NPN medium power transistor
ZXTN25060BZ DIODES-ZXTN25060BZ Datasheet
780Kb / 8P
   60V, SOT89, NPN medium power transistor
logo
Zetex Semiconductors
ZXTN25040DZ ZETEX-ZXTN25040DZ Datasheet
758Kb / 8P
   40V, SOT89, NPN medium power transistor
logo
Diodes Incorporated
FCX493 DIODES-FCX493 Datasheet
312Kb / 5P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX1047A DIODES-FCX1047A_15 Datasheet
446Kb / 7P
   10V NPN MEDIUM POWER TRANSISTOR IN SOT89
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com