Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43564A0228M000 Datasheet(PDF) 7 Page - EPCOS

Part # B43564A0228M000
Description  Frequency converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43564A0228M000 Datasheet(HTML) 7 Page - EPCOS

Back Button B43564A0228M000 Datasheet HTML 2Page - EPCOS B43564A0228M000 Datasheet HTML 3Page - EPCOS B43564A0228M000 Datasheet HTML 4Page - EPCOS B43564A0228M000 Datasheet HTML 5Page - EPCOS B43564A0228M000 Datasheet HTML 6Page - EPCOS B43564A0228M000 Datasheet HTML 7Page - EPCOS B43564A0228M000 Datasheet HTML 8Page - EPCOS B43564A0228M000 Datasheet HTML 9Page - EPCOS B43564A0228M000 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
139 10/02
Long Useful Life 85 °C
B43564 / B43584
Useful life
depending on ambient temperature
TA (for natural cooling) and versus temperature of case base TB
(for base cooling) under ripple current operating conditions1)
UR = 350 … 450 V
UR = 500 V
100
40
0
50
60
70
80
90
AB
T
˚C
T ;
0,5
1,0
1,5
2,0
3,0
KAL0529-Y
B43564/584
R
Ι
R
Ι~
Ι~
Ι~
;
(B)
~
1) The ripple current refers to
I~
R for natural cooling or to I~R(B) for base cooling, respectively.
Refer to page 40 for an explanation on how to interpret the useful life graphs.
0
40
50
60
A
70
80
90
T
B
100
T
;
˚C
1,0
0,5
2,0
1,5
3,0
KAL0530-2
B43564/584
R
Ι
R
Ι~
Ι~
Ι~
;
(B)
~


Similar Part No. - B43564A0228M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43564A2109M000 EPCOS-B43564A2109M000 Datasheet
450Kb / 17P
   Aluminum electrolytic capacitors
B43564A2109M003 EPCOS-B43564A2109M003 Datasheet
450Kb / 17P
   Aluminum electrolytic capacitors
B43564A2109M007 EPCOS-B43564A2109M007 Datasheet
450Kb / 17P
   Aluminum electrolytic capacitors
B43564A2129M000 EPCOS-B43564A2129M000 Datasheet
450Kb / 17P
   Aluminum electrolytic capacitors
B43564A2129M003 EPCOS-B43564A2129M003 Datasheet
450Kb / 17P
   Aluminum electrolytic capacitors
More results

Similar Description - B43564A0228M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43456A4158M000 EPCOS-B43456A4158M000 Datasheet
181Kb / 9P
   Frequency converters
logo
Ohmite Mfg. Co.
RES-EBW OHMITE-RES-EBW Datasheet
480Kb / 2P
   Frequency converters
RES-CS5 OHMITE-RES-CS5 Datasheet
408Kb / 2P
   Frequency converters
logo
Texas Instruments
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
[Old version datasheet]   FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Fairchild Semiconductor
RC4152 FAIRCHILD-RC4152 Datasheet
75Kb / 12P
   Voltage-to-Frequency Converters
logo
Nova Electric. All Righ...
GHFC1K50 NOVA-GHFC1K50 Datasheet
537Kb / 2P
   SOLID-STATE FREQUENCY CONVERTERS
logo
Microchip Technology
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
logo
TelCom Semiconductor, I...
TC9400 TELCOM-TC9400 Datasheet
154Kb / 13P
   VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Microchip Technology
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
logo
International Rectifier
IRFU3518-701PBF IRF-IRFU3518-701PBF Datasheet
234Kb / 11P
   High frequency DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com