Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDIUSBP11APW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PDIUSBP11APW
Description  Universal Serial Bus Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDIUSBP11APW Datasheet(HTML) 3 Page - NXP Semiconductors

  PDIUSBP11APW Datasheet HTML 1Page - NXP Semiconductors PDIUSBP11APW Datasheet HTML 2Page - NXP Semiconductors PDIUSBP11APW Datasheet HTML 3Page - NXP Semiconductors PDIUSBP11APW Datasheet HTML 4Page - NXP Semiconductors PDIUSBP11APW Datasheet HTML 5Page - NXP Semiconductors PDIUSBP11APW Datasheet HTML 6Page - NXP Semiconductors PDIUSBP11APW Datasheet HTML 7Page - NXP Semiconductors PDIUSBP11APW Datasheet HTML 8Page - NXP Semiconductors PDIUSBP11APW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
PDIUSBP11A
Universal Serial Bus transceiver
1999 Jun 04
3
PIN DESCRIPTION
PIN
No.
PIN
SYMBOL
I/O
NAME AND FUNCTION
3
RCV
O
Receive data. CMOS level output for USB differential input
2
OE#
I
Output Enable. Active LOW, enables the transceiver to transmit data on the bus.
When not active the transceiver is in receive mode
1
MODE
I
Mode. When left unconnected, a weak pull-up transistor pulls it to VCC and in this
mode, the PDIUSBP11A is backward compatible to PDIUSBP11. When connected to
GND, the VMO/FSEO pin takes the function of FSEO (Force SEO).
Inputs to differential driver. (Outputs from SIE).
MODE
VPO
VMO/FSEO
RESULT
0
0
0
Logic “0”
0
1
SE0#
12, 13
VPO,VMO/FSEO
I
1
0
Logic “1”
12, 13
VPO, VMO/FSEO
I
1
1
SEO#
1
0
0
SE0#
0
1
Logic “0”
1
0
Logic “1”
1
1
Illegal code
Gated version of D– and D+. Outputs are logic “0” and logic “1”. Used to detect single
ended zero (SE0#), error conditions, and interconnect speed. (Inputs to SIE).
VP
VM
RESULT
4, 5
VP, VM
O
0
0
SE0#
0
1
Low Speed
1
0
Full Speed
1
1
Error
11, 10
D+, D–
AI/O
Data+, Data–. Differential data bus conforming to the Universal Serial Bus standard.
6
SUSPND
I
Suspend. Enables a low power state while the USB bus is inactive. While the suspnd
pin is active it will drive the RCV pin to a logic “0” state. Both D+ and D– are tri-stated.
9
SPEED
I
Edge rate control. Logic “1” operates at edge rates for “full speed”. Logic “0” operates
edge rates for “low speed”.
14
VCC
3.0V to 3.6V power supply
7
GND
Ground reference


Similar Part No. - PDIUSBP11APW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDIUSBP11 PHILIPS-PDIUSBP11 Datasheet
111Kb / 10P
   Universal Serial Bus transceiver
1997 Sep 16
PDIUSBP11D PHILIPS-PDIUSBP11D Datasheet
111Kb / 10P
   Universal Serial Bus transceiver
1997 Sep 16
PDIUSBP11DB PHILIPS-PDIUSBP11DB Datasheet
111Kb / 10P
   Universal Serial Bus transceiver
1997 Sep 16
PDIUSBP11PW PHILIPS-PDIUSBP11PW Datasheet
111Kb / 10P
   Universal Serial Bus transceiver
1997 Sep 16
PDIUSBP11PWDH PHILIPS-PDIUSBP11PWDH Datasheet
111Kb / 10P
   Universal Serial Bus transceiver
1997 Sep 16
More results

Similar Description - PDIUSBP11APW

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20 Datasheet
700Kb / 9P
   Universal Serial Bus Transceiver
USB1T11A FAIRCHILD-USB1T11A Datasheet
558Kb / 11P
   Universal Serial Bus Transceiver
logo
Sipex Corporation
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
logo
Micrel Semiconductor
MIC2550 MICREL-MIC2550_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
MIC2550A MICREL-MIC2550A_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20_08 Datasheet
275Kb / 9P
   Universal Serial Bus Transceiver
logo
Micrel Semiconductor
MIC2550A MICREL-MIC2550A Datasheet
122Kb / 11P
   Universal Serial Bus Transceiver
logo
NXP Semiconductors
PDIUSBP11 PHILIPS-PDIUSBP11 Datasheet
111Kb / 10P
   Universal Serial Bus transceiver
1997 Sep 16
ISP1103 PHILIPS-ISP1103 Datasheet
484Kb / 17P
   Universal Serial Bus transceiver
Rev. 01 - 4 October 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com