Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43458A9109M000 Datasheet(PDF) 3 Page - EPCOS

Part # B43458A9109M000
Description  Frequency converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43458A9109M000 Datasheet(HTML) 3 Page - EPCOS

  B43458A9109M000 Datasheet HTML 1Page - EPCOS B43458A9109M000 Datasheet HTML 2Page - EPCOS B43458A9109M000 Datasheet HTML 3Page - EPCOS B43458A9109M000 Datasheet HTML 4Page - EPCOS B43458A9109M000 Datasheet HTML 5Page - EPCOS B43458A9109M000 Datasheet HTML 6Page - EPCOS B43458A9109M000 Datasheet HTML 7Page - EPCOS B43458A9109M000 Datasheet HTML 8Page - EPCOS B43458A9109M000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
127 10/02
Compact 85 °C
B43456 / B43458
Dimensional drawings
Type B43456
Type B43458
Ring clip/clamp mounting
Threaded stud mounting
Positive pole marking:
+
The base of types with threaded stud and
d = 91 mm is fully insulated (the lengths l and l1 are in-
creased by 0,5 mm in these cases). For types with threaded stud and
d
≤ 76 mm the base is not
insulated. Also refer to the notes on mounting given on page 168.
Screw terminals with UNF threads are available upon request.
Dimensions and weights
Dimensions are also valid for 2-pad solution and low-inductance design.
Packing
For ecological reasons the packing is pure cardboard.
Ter-
minal
Dimensions (mm) with insulating sleeve
Approx.
wt. (g)
dI
± 1
I1 ± 1
I2
+ 0
l3
d1
d2 max d3 max a
+ 0,2
– 1
– 0,4
M 5
M 5
51,6 +0/–0,8
51,6 +0/–0,8
80,7
105,7
87,2
112,2
17
17
7,0 +0,2/– 1
7,0 +0,2/– 1
M 12
M 12
8,2
8,2
13,5
13,5
22,2
22,2
220
280
M 5
64,3 +0/–0,8 105,7
112,2
17
7,0 +0,2/– 1
M 12 8,2
13,5
28,5
440
M 6
M 6
M 6
76,9 +0/–0,7
76,9 +0/–0,7
76,9 +0/–0,7
105,7
143,2
220,7
111,5
149,0
226,5
17
17
17
6,4 +1,1/– 0,8
6,4 +1,1/– 0,8
6,4 +1,1/– 0,8
M 12
M 12
M 12
17,7
17,7
17,7
17,7
17,7
17,7
31,7
31,7
31,7
540
840
1300
M 6
M 6
91,0 +0/–2
91,0 +0/–2
144,5
221,0
149,8
226,3
17
17
6,4 +1,1/– 0,8
6,4 +1,1/– 0,8
M 12
M 12
17,7
17,7
17,7
17,7
31,7
31,7
1200
1900
Capacitor diameter
d
Packing units (pieces)
Capacitor diameter
d
Packing units (pieces)
51,6 mm
64,3 mm
22
15
76,9 mm
91,0 mm
12
8
M5: min. reach of screw = 8 mm
M6: min. reach of screw = 12 mm*)
*) 8 mm for low-inductance design


Similar Part No. - B43458A9109M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43458A9109M000 EPCOS-B43458A9109M000 Datasheet
499Kb / 18P
   Aluminum electrolytic capacitors
More results

Similar Description - B43458A9109M000

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-EBW OHMITE-RES-EBW Datasheet
480Kb / 2P
   Frequency converters
logo
EPCOS
B43564A4108M000 EPCOS-B43564A4108M000 Datasheet
191Kb / 10P
   Frequency converters
logo
Ohmite Mfg. Co.
RES-CS5 OHMITE-RES-CS5 Datasheet
408Kb / 2P
   Frequency converters
logo
Texas Instruments
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
[Old version datasheet]   FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Fairchild Semiconductor
RC4152 FAIRCHILD-RC4152 Datasheet
75Kb / 12P
   Voltage-to-Frequency Converters
logo
Nova Electric. All Righ...
GHFC1K50 NOVA-GHFC1K50 Datasheet
537Kb / 2P
   SOLID-STATE FREQUENCY CONVERTERS
logo
Microchip Technology
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
logo
TelCom Semiconductor, I...
TC9400 TELCOM-TC9400 Datasheet
154Kb / 13P
   VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Microchip Technology
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
logo
International Rectifier
IRFU3518-701PBF IRF-IRFU3518-701PBF Datasheet
234Kb / 11P
   High frequency DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com