Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43584B4478M000 Datasheet(PDF) 6 Page - EPCOS

Part # B43584B4478M000
Description  Frequency converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43584B4478M000 Datasheet(HTML) 6 Page - EPCOS

Back Button B43584B4478M000 Datasheet HTML 2Page - EPCOS B43584B4478M000 Datasheet HTML 3Page - EPCOS B43584B4478M000 Datasheet HTML 4Page - EPCOS B43584B4478M000 Datasheet HTML 5Page - EPCOS B43584B4478M000 Datasheet HTML 6Page - EPCOS B43584B4478M000 Datasheet HTML 7Page - EPCOS B43584B4478M000 Datasheet HTML 8Page - EPCOS B43584B4478M000 Datasheet HTML 9Page - EPCOS B43584B4478M000 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
138 10/02
Long Useful Life 85 °C
B43564 / B43584
Technical data and ordering codes
UR
VDC
CR
100 Hz
20 °C
µF
Case
dimensions
d
× l
mm
ESRmax
100 Hz
20 °C
m
Zmax
10 kHz
20 °C
m
I~max
100 Hz
40 °C
A
I~max
100 Hz
85 °C
A
I~R
100 Hz
85 °C
A
I~R(B)
100 Hz
85 °C
A
Ordering code1)
350
1 000 51,6
× 80,7 130
120
14
6,4
5,1
8,8
B435*4A4108M000
1 500 51,6
× 105,7 93
93
17
8,1
6,5
10
B435*4A4158M000
2 200 51,6
× 105,7 72
66
21
10
8,0
14
B435*4B4228M000
3 300 64,3
× 105,7 48
47
29
14
11
19
B435*4B4338M0002)
4 700 76,9
× 105,7 38
38
36
17
13
25
B435*4B4478M0002)
6 000 76,9
× 143,2 32
32
41
19
15
25
B435*4A4608M0002)
8 200 91,0
× 144,5 23
23
57
27
21
36
B435*4A4828M0002)
10 000 76,9
× 220,7 20
20
50
29
23
32
B435*4A4109M0002)
400
1 000 51,6
× 80,7 130
120
14
6,6
5,2
9,8
B435*4A0108M000
1 500 51,6
× 105,7 93
81
18
7,7
6,7
11
B435*4A0158M000
2 200 64,3
× 105,7 72
65
22
9,7
8,3
14
B435*4A0228M0002)
3 300 76,9
× 143,2 54
51
29
13
11
16
B435*4A0338M0002)
4 700 91,0
× 97,0 35
35
41
19
15
32
B435*4B0478M0002)
6 000 76,9
× 220,7 32
32
44
21
16
22
B435*4A0608M0002)
6 800 91,0
× 144,5 27
27
53
25
20
33
B435*4A0688M0002)
450
1 000 51,6
× 105,7 140
130
15
6,9
5,4
8,9
B435*4A5108M000
1 500 64,3
× 105,7 99
89
19
8,9
7,0
12
B435*4A5158M0002)
2 200 76,9
× 105,7 72
65
25
12
9,2
16
B435*4A5228M0002)
3 300 76,9
× 143,2 51
49
32
15
12
19
B435*4A5338M0002)
4 700 76,9
× 220,7 38
38
42
20
16
20
B435*4A5478M0002)
4 700 91,0
× 144,5 38
38
46
21
17
28
B435*4J5478M0002)
6 000 76,9
× 220,7 32
32
49
23
18
25
B435*4A5608M0002)
500
820 51,6
× 80,7 195
177
11,9
4,4
4,4
8,6
B435*4A6827M000
1 200 51,6
× 105,7 132
120
16,1
6,0
6,0
10,5
B435*4A6128M000
1 800 64,3
× 105,7 89
80
21,1
7,9
7,9
13,7
B435*4A6188M0002)
2 700 76,9
× 105,7 60
55
28,2
10,5
10,5
20,0
B435*4A6278M0002)
3 900 76,9
× 143,2 42
38
38,2
14,2
14,2
23,7
B435*4A6398M0002)
1) * “6” = for capacitors with ring clip/clamp mounting
“8” = for capacitors with threaded stud
2) For 2-pad solution (types without threaded stud) and for low-inductance design, see page 136.


Similar Part No. - B43584B4478M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43584B4478M000 EPCOS-B43584B4478M000 Datasheet
542Kb / 20P
   Aluminum electrolytic capacitors
More results

Similar Description - B43584B4478M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43456A4158M000 EPCOS-B43456A4158M000 Datasheet
181Kb / 9P
   Frequency converters
logo
Ohmite Mfg. Co.
RES-EBW OHMITE-RES-EBW Datasheet
480Kb / 2P
   Frequency converters
RES-CS5 OHMITE-RES-CS5 Datasheet
408Kb / 2P
   Frequency converters
logo
Texas Instruments
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
[Old version datasheet]   FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Fairchild Semiconductor
RC4152 FAIRCHILD-RC4152 Datasheet
75Kb / 12P
   Voltage-to-Frequency Converters
logo
Nova Electric. All Righ...
GHFC1K50 NOVA-GHFC1K50 Datasheet
537Kb / 2P
   SOLID-STATE FREQUENCY CONVERTERS
logo
Microchip Technology
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
logo
TelCom Semiconductor, I...
TC9400 TELCOM-TC9400 Datasheet
154Kb / 13P
   VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Microchip Technology
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
logo
International Rectifier
IRFU3518-701PBF IRF-IRFU3518-701PBF Datasheet
234Kb / 11P
   High frequency DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com