Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDUSBP11APWDH Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PDUSBP11APWDH
Description  Universal Serial Bus Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDUSBP11APWDH Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PDUSBP11APWDH Datasheet HTML 2Page - NXP Semiconductors PDUSBP11APWDH Datasheet HTML 3Page - NXP Semiconductors PDUSBP11APWDH Datasheet HTML 4Page - NXP Semiconductors PDUSBP11APWDH Datasheet HTML 5Page - NXP Semiconductors PDUSBP11APWDH Datasheet HTML 6Page - NXP Semiconductors PDUSBP11APWDH Datasheet HTML 7Page - NXP Semiconductors PDUSBP11APWDH Datasheet HTML 8Page - NXP Semiconductors PDUSBP11APWDH Datasheet HTML 9Page - NXP Semiconductors PDUSBP11APWDH Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
PDIUSBP11A
Universal Serial Bus transceiver
1999 Jun 04
6
AC CHARACTERISTICS (AI/O PINS. FULL SPEED)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = –40°C to +85°C
UNIT
MIN
TYP
MAX
Driver Characteristics
CL = 50pF;
Rpu = 1.5kΩ on D+ to VCC
Transition Time:
Between 10% and 90%
tR
Rise time
Waveform 1
41
20
ns
tF
Fall time
Waveform 1
41
20
ns
tRFM
Rise / Fall time matching
(tR/tF)
90
111.1
%
VCRS
Output signal crossover voltage
1.3
2.0
V
Driver Timings
tpLH
Driver propagation delay
Waveform 2
18
ns
tpHL
(VPO, VMO/FSEO to D+/D–)
Waveform 2
19
ns
tpHZ
Driver disable delay
Waveform 4
13
ns
tpLZ
(OE# to D+/D–)
Waveform 4
13
ns
tpZH
Driver enable delay
Waveform 4
17
ns
tpZL
(OE# to D+/D–)
Waveform 4
17
ns
Receiver Timings
tpLH
Receiver propagation delay
Waveform 3
16
ns
tpHL
(D+, D– to RCV)
Waveform 3
19
ns
tpLH
Single-ended receiver delay
Waveform 3
8
ns
tpHL
(D+, D– to VP, VM)
Waveform 3
8
ns
NOTE:
1. The 4ns specification is only for 0
°C to +85°C.
AC CHARACTERISTICS (AI/O PINS. LOW SPEED)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = –40°C to +85°C
UNIT
MIN
TYP
MAX
Driver Characteristics
CL = 200pF and 600pF;
Rpu = 1.5kΩ on D– to VCC
Transition Time:
Between 10% and 90%
tLR
Rise time
CL = 200pF. Waveform 1
75
ns
tLR
Rise time
CL = 600pF. Waveform 1
300
ns
tLF
Fall time
CL = 200pF. Waveform 1
75
ns
tLF
Fall time
CL = 600pF. Waveform 1
300
ns
tLRFM
Rise / Fall time matching
(tLR/tLF)
80
125
%
VLCRS
Output signal crossover voltage
1.3
2.0
V
Driver Timings
tpLH
Driver propagation delay
Waveform 2
300
ns
tpHL
(VPO, VMO/FSEO to D+/D–)
Waveform 2
300
ns
tpHZ
Driver disable delay
Waveform 4
13
ns
tpLZ
(OE# to D+/D–)
Waveform 4
13
ns
tpZH
Driver enable delay
Waveform 4
205
ns
tpZL
(OE# to D+/D–)
Waveform 4
205
ns
Receiver Timings
tpLH
Receiver propagation delay
Waveform 3
18
ns
tpHL
(D+, D– to RCV)
Waveform 3
18
ns
tpLH
Single-ended receiver delay
Waveform 3
28
ns
tpHL
(D+, D– to VP, VM)
Waveform 3
28
ns


Similar Part No. - PDUSBP11APWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDUSBD12PWDH PHILIPS-PDUSBD12PWDH Datasheet
167Kb / 22P
   USB interface device with parallel bus
Rev. 08-20 December 2001
More results

Similar Description - PDUSBP11APWDH

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20 Datasheet
700Kb / 9P
   Universal Serial Bus Transceiver
USB1T11A FAIRCHILD-USB1T11A Datasheet
558Kb / 11P
   Universal Serial Bus Transceiver
logo
Sipex Corporation
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
logo
Micrel Semiconductor
MIC2550 MICREL-MIC2550_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
MIC2550A MICREL-MIC2550A_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20_08 Datasheet
275Kb / 9P
   Universal Serial Bus Transceiver
logo
Micrel Semiconductor
MIC2550A MICREL-MIC2550A Datasheet
122Kb / 11P
   Universal Serial Bus Transceiver
logo
NXP Semiconductors
PDIUSBP11 PHILIPS-PDIUSBP11 Datasheet
111Kb / 10P
   Universal Serial Bus transceiver
1997 Sep 16
ISP1103 PHILIPS-ISP1103 Datasheet
484Kb / 17P
   Universal Serial Bus transceiver
Rev. 01 - 4 October 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com