Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43584A4828M000 Datasheet(PDF) 5 Page - EPCOS

Part # B43584A4828M000
Description  Frequency converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43584A4828M000 Datasheet(HTML) 5 Page - EPCOS

  B43584A4828M000 Datasheet HTML 1Page - EPCOS B43584A4828M000 Datasheet HTML 2Page - EPCOS B43584A4828M000 Datasheet HTML 3Page - EPCOS B43584A4828M000 Datasheet HTML 4Page - EPCOS B43584A4828M000 Datasheet HTML 5Page - EPCOS B43584A4828M000 Datasheet HTML 6Page - EPCOS B43584A4828M000 Datasheet HTML 7Page - EPCOS B43584A4828M000 Datasheet HTML 8Page - EPCOS B43584A4828M000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
137 10/02
Long Useful Life 85 °C
B43564 / B43584
Overview of available types
The capacitance and voltage ratings listed above are available in different cases upon request.
Other voltage and capacitance ratings are also available upon request.
UR (VDC)
350
400
450
500
CR (µF)
Case dimensions
d
× l (mm)
820
51,6
× 80,7
1 000
51,6
× 80,7
51,6
× 80,7
51,6
× 105,7
1 200
51,6
× 105,7
1 500
51,6
× 105,7
51,6
× 105,7
64,3
× 105,7
1 800
64,3
× 105,7
2 200
51,6
× 105,7
64,3
× 105,7
76,9
× 105,7
2 700
76,9
× 105,7
3 300
64,3
× 105,7
76,9
× 143,2
76,9
× 143,2
3 900
76,9
× 143,2
4 700
76,9
× 105,7
91,0
× 97,0
76,9
× 220,7
91,0
× 144,5
6 000
76,9
× 143,2
76,9
× 220,7
76,9
× 220,7
6 800
91,0
× 144,5
8 200
91,0
× 144,5
10 000
76,9
× 220,7


Similar Part No. - B43584A4828M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43584A4109M000 EPCOS-B43584A4109M000 Datasheet
542Kb / 20P
   Aluminum electrolytic capacitors
B43584A4109M003 EPCOS-B43584A4109M003 Datasheet
542Kb / 20P
   Aluminum electrolytic capacitors
B43584A4129M000 EPCOS-B43584A4129M000 Datasheet
542Kb / 20P
   Aluminum electrolytic capacitors
B43584A4129M003 EPCOS-B43584A4129M003 Datasheet
542Kb / 20P
   Aluminum electrolytic capacitors
B43584A4159M000 EPCOS-B43584A4159M000 Datasheet
542Kb / 20P
   Aluminum electrolytic capacitors
More results

Similar Description - B43584A4828M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43456A4158M000 EPCOS-B43456A4158M000 Datasheet
181Kb / 9P
   Frequency converters
logo
Ohmite Mfg. Co.
RES-EBW OHMITE-RES-EBW Datasheet
480Kb / 2P
   Frequency converters
RES-CS5 OHMITE-RES-CS5 Datasheet
408Kb / 2P
   Frequency converters
logo
Texas Instruments
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
[Old version datasheet]   FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Fairchild Semiconductor
RC4152 FAIRCHILD-RC4152 Datasheet
75Kb / 12P
   Voltage-to-Frequency Converters
logo
Nova Electric. All Righ...
GHFC1K50 NOVA-GHFC1K50 Datasheet
537Kb / 2P
   SOLID-STATE FREQUENCY CONVERTERS
logo
Microchip Technology
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
logo
TelCom Semiconductor, I...
TC9400 TELCOM-TC9400 Datasheet
154Kb / 13P
   VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Microchip Technology
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
logo
International Rectifier
IRFU3518-701PBF IRF-IRFU3518-701PBF Datasheet
234Kb / 11P
   High frequency DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com