Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP54 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BCP54
Description  45 V, 1 A NPN medium power transistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCP54 Datasheet(HTML) 3 Page - NXP Semiconductors

  BCP54 Datasheet HTML 1Page - NXP Semiconductors BCP54 Datasheet HTML 2Page - NXP Semiconductors BCP54 Datasheet HTML 3Page - NXP Semiconductors BCP54 Datasheet HTML 4Page - NXP Semiconductors BCP54 Datasheet HTML 5Page - NXP Semiconductors BCP54 Datasheet HTML 6Page - NXP Semiconductors BCP54 Datasheet HTML 7Page - NXP Semiconductors BCP54 Datasheet HTML 8Page - NXP Semiconductors BCP54 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
BC635_BCP54_BCX54_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 4 June 2007
3 of 15
NXP Semiconductors
BC635; BCP54; BCX54
45 V, 1 A NPN medium power transistors
3.
Ordering information
[1]
Valid for all available selection groups.
[2]
Also available in SOT54A and SOT54 variant packages (see Section 2 and Section 9).
4.
Marking
Table 4.
Ordering information
Type number[1]
Package
Name
Description
Version
BC635[2]
SC-43A
plastic single-ended leaded (through hole) package;
3 leads
SOT54
BCP54
SC-73
plastic surface-mounted package with increased
heatsink; 4 leads
SOT223
BCX54
SC-62
plastic surface-mounted package; collector pad for good
heat transfer; 3 leads
SOT89
Table 5.
Marking codes
Type number
Marking code
BC635
C635
BC635-16
C63516
BCP54
BCP54
BCP54-10
BCP54/10
BCP54-16
BCP54/16
BCX54
BA
BCX54-10
BC
BCX54-16
BD


Similar Part No. - BCP54

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP54 PHILIPS-BCP54 Datasheet
43Kb / 8P
   NPN medium power transistors
1999 Apr 08
logo
Infineon Technologies A...
BCP54 INFINEON-BCP54 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
logo
Nexperia B.V. All right...
BCP54 NEXPERIA-BCP54 Datasheet
249Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 9 - 6 January 2023
logo
Siemens Semiconductor G...
BCP54 SIEMENS-BCP54 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
logo
SHENZHEN YONGERJIA INDU...
BCP54 WINNERJOIN-BCP54 Datasheet
186Kb / 3P
   TRANSISTOR (NPN)
More results

Similar Description - BCP54

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC635 NXP-BC635_13 Datasheet
160Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07-4 June 2007
BCP54 PHILIPS-BCP54_15 Datasheet
1Mb / 22P
   45 V, 1 A NPN medium power transistors
Rev. 8-21 October 2011
logo
Nexperia B.V. All right...
BCP54-Q_SER NEXPERIA-BCP54-Q_SER Datasheet
239Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 1 - 2 May 2022
BCP54_SER NEXPERIA-BCP54_SER Datasheet
249Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 9 - 6 January 2023
logo
EPCOS
B82479A1104M EPCOS-B82479A1104M Datasheet
299Kb / 22P
   45 V, 1 A NPN medium power transistors
logo
NXP Semiconductors
BC54PA NXP-BC54PA Datasheet
1Mb / 22P
   45 V, 1 A NPN medium power transistors
Rev. 8-21 October 2011
logo
Nexperia B.V. All right...
BCX54_SER NEXPERIA-BCX54_SER Datasheet
230Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 10 - 1 April 2023
BCX54-Q_SER NEXPERIA-BCX54-Q_SER Datasheet
230Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 2 - 30 March 2022
BCP54T_SER NEXPERIA-BCP54T_SER Datasheet
274Kb / 14P
   45 V, 1 A NPN medium power transistors
Rev. 1 - 29 April 2019
BC54PA-Q_SER NEXPERIA-BC54PA-Q_SER Datasheet
241Kb / 13P
   45 V, 1 A NPN medium power transistors
Rev. 1 - 2 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com