Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEPT5600 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TEPT5600
Description  Ambient Light Sensor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TEPT5600 Datasheet(HTML) 1 Page - Vishay Siliconix

  TEPT5600 Datasheet HTML 1Page - Vishay Siliconix TEPT5600 Datasheet HTML 2Page - Vishay Siliconix TEPT5600 Datasheet HTML 3Page - Vishay Siliconix TEPT5600 Datasheet HTML 4Page - Vishay Siliconix TEPT5600 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TEPT5600
Document Number 84768
Rev. 1.3, 28-Nov-06
Vishay Semiconductors
www.vishay.com
1
94 8390
Ambient Light Sensor
Description
TEPT5600 is a silicon NPN epitaxial planar photo
transistor in a standard T-1 3/4" plastic package.
Peak of responsivity is in the visible spectrum. Infra-
red spectrum is suppressed.
Features
• Responsivity adapted to human eye
• Wide angle of half sensitivity
ϕ = ± 20°
• Lead (Pb)-free component
• Component in accordance with RoHS
2002/95/EC and WEEE 2002/96/EC
e4
Applications
• Replacement of cadmium sulfide (CdS) photo
resistors
• Ambient light sensor
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Basic Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Collector emitter voltage
VCEO
6V
Emitter collector voltage
VECO
1.5
V
Collector current
IC
20
mA
Total power dissipation
Tamb ≤ 55 °C
Ptot
100
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 85
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature
2 mm distance to package, t
≤ 3 s
Tsd
260
°C
Thermal resistance junction/
ambient
RthJA
450
K/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector emitter breakdown
voltage
IC = 0.1 mA
VCEO
6V
Collector dark current
VCE = 5 V, E = 0
ICEO
350
nA
Collector-emitter capacitance
VCE = 0 V, f = 1 MHz, E = 0
CCEO
16
pF
Photo current
Ev = 20 lx, CIE illuminant A,
VCE = 5 V
IPCE
25
70
140
µA
Ev = 100 lx, CIE illuminant A,
VCE = 5 V
IPCE
350
µA
Angle of half sensitivity
ϕ
± 20
deg
Wavelength of peak sensitivity
λ
p
570
nm
Range of spectral bandwidth
λ
0.1
360 to 970
nm


Similar Part No. - TEPT5600

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TEPT5600 VISHAY-TEPT5600 Datasheet
115Kb / 5P
   Ambient Light Sensor, RoHS Compliant
Rev. 1.4, 08-Sep-08
TEPT5600 VISHAY-TEPT5600 Datasheet
107Kb / 5P
   Ambient Light Sensor
Rev. 1.7, 18-Jun-10
TEPT5600 VISHAY-TEPT5600 Datasheet
114Kb / 5P
   Ambient Light Sensor
Rev. 1.9, 26-Nov-14
TEPT5600 VISHAY-TEPT5600 Datasheet
111Kb / 5P
   Ambient Light Sensor
01-Jan-2021
TEPT5600 VISHAY-TEPT5600 Datasheet
111Kb / 5P
   Ambient Light Sensor
01-Jan-2023
More results

Similar Description - TEPT5600

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
   Ambient Light Sensor
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
   Ambient Light Sensor
Rev. 1.8, 20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
NOA1213 ONSEMI-NOA1213 Datasheet
103Kb / 8P
   Ambient Light Sensor
November, 2015 ??Rev. P1
NOA1305 ONSEMI-NOA1305 Datasheet
279Kb / 13P
   Ambient Light Sensor
October, 2012 ??Rev. 0
logo
Everlight Electronics C...
ALS-PT19-315C-L177-TR8 EVERLIGHT-ALS-PT19-315C-L177-TR8_15 Datasheet
254Kb / 11P
   Ambient Light Sensor
logo
New Japan Radio
NJL7502R NJRC-NJL7502R Datasheet
190Kb / 8P
   Ambient Light Sensor
Ver.2014-12-02
logo
Vishay Siliconix
TEMD6200FX01 VISHAY-TEMD6200FX01_V02 Datasheet
144Kb / 6P
   Ambient Light Sensor
01-Jan-2023
VEMD5510FX01 VISHAY-VEMD5510FX01_V01 Datasheet
184Kb / 6P
   Ambient Light Sensor
01-Jan-2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com