Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B37933K5820J0 Datasheet(PDF) 5 Page - EPCOS

Part # B37933K5820J0
Description  Ultra-low ESR and high Q factor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37933K5820J0 Datasheet(HTML) 5 Page - EPCOS

  B37933K5820J0 Datasheet HTML 1Page - EPCOS B37933K5820J0 Datasheet HTML 2Page - EPCOS B37933K5820J0 Datasheet HTML 3Page - EPCOS B37933K5820J0 Datasheet HTML 4Page - EPCOS B37933K5820J0 Datasheet HTML 5Page - EPCOS B37933K5820J0 Datasheet HTML 6Page - EPCOS B37933K5820J0 Datasheet HTML 7Page - EPCOS B37933K5820J0 Datasheet HTML 8Page - EPCOS B37933K5820J0 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Multilayer Ceramic Capacitors
122 10/02
HQF
Product range chip capacitors
HQF
Size1)
inch
mm
0402
1005
0603
1608
Type
B37923
B37933
50
50
0,3 pF
0,4 pF
0,5 pF
0,6 pF
0,7 pF
0,8 pF
0,9 pF
1,0 pF
1,2 pF
1,5 pF
1,8 pF
2,2 pF
2,7 pF
3,3 pF
3,9 pF
4,7 pF
5,6 pF
6,8 pF
8,2 pF
10, pF
12, pF
15, pF
18, pF
22, pF
27, pF
82, pF
1) l
´ b (inch) / l ´ b (mm)
VR (VDC)
CR
HQF


Similar Part No. - B37933K5820J0

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37933K5820J060 EPCOS-B37933K5820J060 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37933K5820J070 EPCOS-B37933K5820J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
More results

Similar Description - B37933K5820J0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
300152M6R3JS0E ETC2-300152M6R3JS0E Datasheet
487Kb / 11P
   High Capacitance and Ultra-Low ESR
logo
Cornell Dubilier Electr...
325 CDE-325_15 Datasheet
1Mb / 5P
   High Temperature and Ultra-Low ESR
300 CDE-300_17 Datasheet
764Kb / 12P
   High Capacitance and Ultra-Low ESR
logo
List of Unclassifed Man...
600F0R3AT250XT ETC2-600F0R3AT250XT Datasheet
345Kb / 5P
   Ultra-Low ESR, High Q, NPO RF Microwave Capacitors
ATC600L ETC1-ATC600L Datasheet
334Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
ATC600F ETC2-ATC600F Datasheet
191Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
ATC600L ETC2-ATC600L Datasheet
183Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
600S6R8CT250T ETC-600S6R8CT250T Datasheet
472Kb / 6P
   Ultra-Low ESR, High Q, NPO RF &Microwave Capacitors
ATC600F ETC1-ATC600F Datasheet
361Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
logo
MERITEK ELECTRONICS COR...
UQ MERITEK-UQ Datasheet
330Kb / 7P
   High Q and low ESR performance at high frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com