Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43584A5808M000 Datasheet(PDF) 4 Page - EPCOS

Part # B43584A5808M000
Description  Frequency converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43584A5808M000 Datasheet(HTML) 4 Page - EPCOS

  B43584A5808M000 Datasheet HTML 1Page - EPCOS B43584A5808M000 Datasheet HTML 2Page - EPCOS B43584A5808M000 Datasheet HTML 3Page - EPCOS B43584A5808M000 Datasheet HTML 4Page - EPCOS B43584A5808M000 Datasheet HTML 5Page - EPCOS B43584A5808M000 Datasheet HTML 6Page - EPCOS B43584A5808M000 Datasheet HTML 7Page - EPCOS B43584A5808M000 Datasheet HTML 8Page - EPCOS B43584A5808M000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
136 10/02
Long Useful Life 85 °C
B43564 / B43584
Special designs
I Low-inductance design
I 2-pad solution
Design for optimized connection of the capacitor to the heatsink when using base cooling.
This version is available for capacitors without threaded stud and for diameters
≥ 64,3 mm
(cf.
I~R(B) in table “Technical data and ordering codes” and useful life graphs).
Ordering codes:
Accessories
The following items are included in the delivery package, but are not fastened to the capacitors:
The following must be ordered separately:
Ring clips
B44030 (cf. page 169)
Clamps for capacitors with
d
≥ 64,3 mm
B44030 (cf. page 173)
Insulating parts
B44020 (cf. page 166)
Design
Identification in 3rd
block of ordering code
Remark
Low inductance (13 nH)
M003
For capacitors with diameter
d
≥ 64,3 mm
2-pad solution
M006
For capacitors with diameter
d
≥ 64,3 mm and
without threaded stud
Thread
Toothed
washers
Screws/Nuts
Maximum
torque
For terminals
M 5
A 5,1 DIN 6797
Cylinder-head screw M 5
× 8 DIN 84-4.8
2
Nm
M 6
A 6,4 DIN 6797
Cylinder-head screw M 6
× 12 DIN 85-4.8 2,5 Nm
For mounting
M 12
J 12,5 DIN 6797 Hex nut BM 12 DIN 439
10
Nm
Heatsink
Thermopad
thickness
0,2 mm
0,5 mm
KAL0823-3-E


Similar Part No. - B43584A5808M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43584A5828M003 EPCOS-B43584A5828M003 Datasheet
542Kb / 20P
   Aluminum electrolytic capacitors
More results

Similar Description - B43584A5808M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43456A4158M000 EPCOS-B43456A4158M000 Datasheet
181Kb / 9P
   Frequency converters
logo
Ohmite Mfg. Co.
RES-EBW OHMITE-RES-EBW Datasheet
480Kb / 2P
   Frequency converters
RES-CS5 OHMITE-RES-CS5 Datasheet
408Kb / 2P
   Frequency converters
logo
Texas Instruments
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
[Old version datasheet]   FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Fairchild Semiconductor
RC4152 FAIRCHILD-RC4152 Datasheet
75Kb / 12P
   Voltage-to-Frequency Converters
logo
Nova Electric. All Righ...
GHFC1K50 NOVA-GHFC1K50 Datasheet
537Kb / 2P
   SOLID-STATE FREQUENCY CONVERTERS
logo
Microchip Technology
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
logo
TelCom Semiconductor, I...
TC9400 TELCOM-TC9400 Datasheet
154Kb / 13P
   VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Microchip Technology
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
logo
International Rectifier
IRFU3518-701PBF IRF-IRFU3518-701PBF Datasheet
234Kb / 11P
   High frequency DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com