Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX54-16 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BCX54-16
Description  45 V, 1 A NPN medium power transistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCX54-16 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BCX54-16 Datasheet HTML 3Page - NXP Semiconductors BCX54-16 Datasheet HTML 4Page - NXP Semiconductors BCX54-16 Datasheet HTML 5Page - NXP Semiconductors BCX54-16 Datasheet HTML 6Page - NXP Semiconductors BCX54-16 Datasheet HTML 7Page - NXP Semiconductors BCX54-16 Datasheet HTML 8Page - NXP Semiconductors BCX54-16 Datasheet HTML 9Page - NXP Semiconductors BCX54-16 Datasheet HTML 10Page - NXP Semiconductors BCX54-16 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
BC635_BCP54_BCX54_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 4 June 2007
7 of 15
NXP Semiconductors
BC635; BCP54; BCX54
45 V, 1 A NPN medium power transistors
FR4 PCB, standard footprint
Fig 5.
Transient thermal impedance from junction to ambient as a function of pulse duration for SOT223;
typical values
FR4 PCB, mounting pad for collector 1 cm2
Fig 6.
Transient thermal impedance from junction to ambient as a function of pulse duration for SOT223;
typical values
006aaa814
10
1
102
103
Zth(j-a)
(K/W)
10−1
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
duty cycle =
0.01
0
0.02
0.05
0.1
0.2
0.33
0.5
0.75
1.0
006aaa089
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
102
10
103
Zth(j-a)
(K/W)
1
0
duty cycle =
1
0.75
0.5
0.33
0.2
0.1
0.05
0.02
0.01


Similar Part No. - BCX54-16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX54-16 PHILIPS-BCX54-16 Datasheet
42Kb / 8P
   NPN medium power transistors
Rev. 07 - 4 June 2007
logo
Galaxy Semi-Conductor H...
BCX54-16 BILIN-BCX54-16 Datasheet
191Kb / 5P
   NPN Silicon AF Transistors
logo
Siemens Semiconductor G...
BCX54-16 SIEMENS-BCX54-16 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Micro Commercial Compon...
BCX54-16 MCC-BCX54-16 Datasheet
484Kb / 2P
   NPN Plastic-Encapsulate Transistors
logo
Infineon Technologies A...
BCX54-16 INFINEON-BCX54-16 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Jul-10-2001
More results

Similar Description - BCX54-16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC635 NXP-BC635_13 Datasheet
160Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07-4 June 2007
BCP54 PHILIPS-BCP54_15 Datasheet
1Mb / 22P
   45 V, 1 A NPN medium power transistors
Rev. 8-21 October 2011
logo
Nexperia B.V. All right...
BCP54-Q_SER NEXPERIA-BCP54-Q_SER Datasheet
239Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 1 - 2 May 2022
BCP54_SER NEXPERIA-BCP54_SER Datasheet
249Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 9 - 6 January 2023
logo
EPCOS
B82479A1104M EPCOS-B82479A1104M Datasheet
299Kb / 22P
   45 V, 1 A NPN medium power transistors
logo
NXP Semiconductors
BC54PA NXP-BC54PA Datasheet
1Mb / 22P
   45 V, 1 A NPN medium power transistors
Rev. 8-21 October 2011
logo
Nexperia B.V. All right...
BCX54_SER NEXPERIA-BCX54_SER Datasheet
230Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 10 - 1 April 2023
BCX54-Q_SER NEXPERIA-BCX54-Q_SER Datasheet
230Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 2 - 30 March 2022
BCP54T_SER NEXPERIA-BCP54T_SER Datasheet
274Kb / 14P
   45 V, 1 A NPN medium power transistors
Rev. 1 - 29 April 2019
BC54PA-Q_SER NEXPERIA-BC54PA-Q_SER Datasheet
241Kb / 13P
   45 V, 1 A NPN medium power transistors
Rev. 1 - 2 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com