Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9471 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9471
Description  Multiple-Output Clock Generators with Dual PLLs and OTP
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9471 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9471 Datasheet HTML 5Page - Maxim Integrated Products MAX9471 Datasheet HTML 6Page - Maxim Integrated Products MAX9471 Datasheet HTML 7Page - Maxim Integrated Products MAX9471 Datasheet HTML 8Page - Maxim Integrated Products MAX9471 Datasheet HTML 9Page - Maxim Integrated Products MAX9471 Datasheet HTML 10Page - Maxim Integrated Products MAX9471 Datasheet HTML 11Page - Maxim Integrated Products MAX9471 Datasheet HTML 12Page - Maxim Integrated Products MAX9471 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Multiple-Output Clock Generators with
Dual PLLs and OTP
______________________________________________________________________________________
11
Applications Information
Crystal Selection
When using a crystal with the MAX9471/MAX9472s’
internal oscillator, connect the crystal to X1 and X2.
Choose an AT-cut crystal that oscillates on its funda-
mental mode with ±30ppm and loading capacitance
less than 14pF. To achieve a wide VCXO tuning range,
select a crystal with motional capacitance greater than
7fF and connect 6pF or less shunt capacitors at X1 and
X2 to ground. When the VCXO is used as an oscillator,
select both shunt capacitors to be approximately 13pF.
The optimal shunt capacitors for achieving minimum
frequency offset can be determined experimentally.
Board Layout Considerations and
Bypassing
The MAX9471/MAX9472s’ oscillator frequencies make
proper layout important to ensure stability. For best per-
formance, place components as close as possible to
the device.
Digital or AC transient signals on GND can create noise
at the clock output. Return GND to the highest quality
ground available. Bypass each VDD and VDDA with a
0.1µF capacitor, placed as close as possible to the
device. Careful PC board ground layout minimizes
crosstalk between the outputs and digital inputs.
Chip Information
PROCESS: CMOS
14
13
12
11
10
9
8
1
2
3
4
5
6
7
X2
VDD
GND
VDD
FS0
FS1
X1
TOP VIEW
GND
CLK3
CLK2
CLK1
GND
TUNE
MAX9472
TSSOP
PD
+
Pin Configurations (continued)


Similar Part No. - MAX9471

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9476 MAXIM-MAX9476 Datasheet
177Kb / 8P
   Low-Jitter, 8kHz Reference Clock Synthesizer Outputs 35.328MHz
Rev 0; 1/05
MAX9476EUG MAXIM-MAX9476EUG Datasheet
177Kb / 8P
   Low-Jitter, 8kHz Reference Clock Synthesizer Outputs 35.328MHz
Rev 0; 1/05
More results

Similar Description - MAX9471

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8707 NPC-SM8707 Datasheet
133Kb / 20P
   Clock Generator with Dual PLLs
logo
Analog Devices
AD9577 AD-AD9577 Datasheet
672Kb / 44P
   Clock Generator with Dual PLLs
REV. 0
logo
Nippon Precision Circui...
SM8707E NPC-SM8707E Datasheet
380Kb / 12P
   Clock Generator with Dual PLLs
logo
Texas Instruments
LMK04100EVAL TI1-LMK04100EVAL_14 Datasheet
1Mb / 47P
[Old version datasheet]   Precision Clock Conditioner with Dual PLLs and Integrated VCO
logo
Analog Devices
AD9577 AD-AD9577_16 Datasheet
746Kb / 44P
   Clock Generator with Dual PLLs, Spread Spectrum, and Margining
logo
Integrated Circuit Syst...
MK2049-02 ICST-MK2049-02 Datasheet
148Kb / 12P
   Communications Clock PLLs
logo
Texas Instruments
LMK04208 TI1-LMK04208 Datasheet
1Mb / 138P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
logo
National Semiconductor ...
LMK04800 NSC-LMK04800_14 Datasheet
3Mb / 79P
   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
logo
Texas Instruments
LMK04816 TI1-LMK04816_14 Datasheet
2Mb / 77P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
LMK04800 TI1-LMK04800 Datasheet
985Kb / 91P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com