Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC26IRHB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC26IRHB
Description  LOW POWER STEREO AUDIO CODEC WITH HEADPHONE/SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC26IRHB Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV320AIC26IRHB Datasheet HTML 6Page - Texas Instruments TLV320AIC26IRHB Datasheet HTML 7Page - Texas Instruments TLV320AIC26IRHB Datasheet HTML 8Page - Texas Instruments TLV320AIC26IRHB Datasheet HTML 9Page - Texas Instruments TLV320AIC26IRHB Datasheet HTML 10Page - Texas Instruments TLV320AIC26IRHB Datasheet HTML 11Page - Texas Instruments TLV320AIC26IRHB Datasheet HTML 12Page - Texas Instruments TLV320AIC26IRHB Datasheet HTML 13Page - Texas Instruments TLV320AIC26IRHB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 74 page
background image
TLV320AIC26
SLAS412− DECEMBER 2003
www.ti.com
10
LRCK/ADWS
BCLK
DOUT
DIN
tL(BCLK)
ts (DI)
th (DI)
th (WS)
tS (WS)
tH(BCLK)
td(DO−BCLK)
td(DO−WS)
tP(BCLK)
Figure 3. I2S/LJF/RJF Timing in Slave Mode
TYPICAL TIMING REQUIREMENTS (FIGURE 3)
All specifications at 25
°C, DVDD = 1.8 V (1)
PARAMETER
IOVDD = 1.1 V
IOVDD = 3.3 V
UNITS
PARAMETER
MIN
MAX
MIN
MAX
UNITS
tH (BCLK)
BCLK high period
35
35
ns
tL (BCLK)
BCLK low period
35
35
ns
ts(WS)
ADWS/LRCK setup
6
6
ns
th(WS)
ADWS/LRCK hold
6
6
ns
td (DO−WS)
ADWS to DOUT delay (for LJF mode)
25
18
ns
td (DO−BCLK)
BCLK to DOUT delay
25
15
ns
ts(DI)
DIN setup
6
6
ns
th(DI)
DIN hold
6
6
ns
tr
Rise time
5
4
ns
tf
Fall time
5
4
ns
(1) These parameters are based on characterization and are not tested in production.


Similar Part No. - TLV320AIC26IRHB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC26IRHB TI-TLV320AIC26IRHB Datasheet
1,014Kb / 67P
[Old version datasheet]   LOW POWER STEREP AUDIO CODEC WITH HEADPHONE / SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC
TLV320AIC26IRHB TI1-TLV320AIC26IRHB Datasheet
1Mb / 68P
[Old version datasheet]   LOW POWER STEREP AUDIO CODEC WITH HEADPHONE / SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC
TLV320AIC26IRHBG4 TI-TLV320AIC26IRHBG4 Datasheet
1,014Kb / 67P
[Old version datasheet]   LOW POWER STEREP AUDIO CODEC WITH HEADPHONE / SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC
TLV320AIC26IRHBG4 TI1-TLV320AIC26IRHBG4 Datasheet
1Mb / 68P
[Old version datasheet]   LOW POWER STEREP AUDIO CODEC WITH HEADPHONE / SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC
TLV320AIC26IRHBR TI-TLV320AIC26IRHBR Datasheet
1,014Kb / 67P
[Old version datasheet]   LOW POWER STEREP AUDIO CODEC WITH HEADPHONE / SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC
More results

Similar Description - TLV320AIC26IRHB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC26 TI-TLV320AIC26 Datasheet
628Kb / 63P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC WITH HEADPHONE/SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC
TLV320AIC26 TI-TLV320AIC26_08 Datasheet
1,014Kb / 67P
[Old version datasheet]   LOW POWER STEREP AUDIO CODEC WITH HEADPHONE / SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC
TLV320AIC26 TI1-TLV320AIC26_17 Datasheet
1Mb / 68P
[Old version datasheet]   LOW POWER STEREP AUDIO CODEC WITH HEADPHONE / SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
   Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Burr-Brown (TI)
PCM3793A BURR-BROWN-PCM3793A Datasheet
1Mb / 68P
   16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
PCM3793 BURR-BROWN-PCM3793 Datasheet
959Kb / 63P
   16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
PA5331 PROTEC-PA5331 Datasheet
744Kb / 27P
   Low Power 24-Bit, Stereo Audio CODEC With Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
   Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com