Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ALS804A Datasheet(PDF) 5 Page - Texas Instruments

Part # SN54ALS804A
Description  HEX 2-INPUT NAND DRIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ALS804A Datasheet(HTML) 5 Page - Texas Instruments

  SN54ALS804A_07 Datasheet HTML 1Page - Texas Instruments SN54ALS804A_07 Datasheet HTML 2Page - Texas Instruments SN54ALS804A_07 Datasheet HTML 3Page - Texas Instruments SN54ALS804A_07 Datasheet HTML 4Page - Texas Instruments SN54ALS804A_07 Datasheet HTML 5Page - Texas Instruments SN54ALS804A_07 Datasheet HTML 6Page - Texas Instruments SN54ALS804A_07 Datasheet HTML 7Page - Texas Instruments SN54ALS804A_07 Datasheet HTML 8Page - Texas Instruments SN54ALS804A_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SN54ALS804A, SN54AS804B, SN74ALS804A, SN74AS804B
HEX 2-INPUT NAND DRIVERS
SDAS022C – DECEMBER 1982 – REVISED JANUARY 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
SERIES 54ALS/ 74ALS AND 54AS/ 74AS DEVICES
tPHZ
tPLZ
tPHL
tPLH
0.3 V
tPZL
tPZH
tPLH
tPHL
LOAD CIRCUIT
FOR 3-STATE OUTPUTS
From Output
Under Test
Test
Point
R1
S1
CL
(see Note A)
7 V
1.3 V
1.3 V
1.3 V
3.5 V
3.5 V
0.3 V
0.3 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Timing
Input
Data
Input
1.3 V
1.3 V
3.5 V
3.5 V
0.3 V
0.3 V
High-Level
Pulse
Low-Level
Pulse
tw
VOLTAGE WAVEFORMS
PULSE DURATIONS
Input
Out-of-Phase
Output
(see Note C)
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
3.5 V
3.5 V
0.3 V
0.3 V
VOL
VOH
VOH
VOL
Output
Control
(low-level
enabling)
Waveform 1
S1 Closed
(see Note B)
Waveform 2
S1 Open
(see Note B)
[0 V
VOH
VOL
[3.5 V
In-Phase
Output
0.3 V
1.3 V
1.3 V
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES, 3-STATE OUTPUTS
R2
VCC
RL
Test
Point
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
FOR OPEN-COLLECTOR OUTPUTS
LOAD CIRCUIT FOR
BI-STATE
TOTEM-POLE OUTPUTS
From Output
Under Test
Test
Point
CL
(see Note A)
RL
RL = R1 = R2
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. When measuring propagation delay items of 3-state outputs, switch S1 is open.
D. All input pulses have the following characteristics: PRR
≤ 1 MHz, tr = tf = 2 ns, duty cycle = 50%.
E. The outputs are measured one at a time with one transition per measurement.
Figure 1. Load Circuits and Voltage Waveforms


Similar Part No. - SN54ALS804A_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS804AFK TI-SN54ALS804AFK Datasheet
439Kb / 13P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
SN54ALS804AJ TI-SN54ALS804AJ Datasheet
439Kb / 13P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
More results

Similar Description - SN54ALS804A_07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F804 PHILIPS-74F804 Datasheet
76Kb / 8P
   Hex 2-input NAND drivers
1990 Sep 14
logo
Texas Instruments
SN54ALS1804A TI-SN54ALS1804A Datasheet
59Kb / 4P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
SN54ALS804A TI-SN54ALS804A Datasheet
439Kb / 13P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
logo
Fairchild Semiconductor
DM74ALS804A FAIRCHILD-DM74ALS804A Datasheet
45Kb / 4P
   Hex 2-Input NAND Driver
logo
Texas Instruments
SN74AS1804 TI-SN74AS1804 Datasheet
69Kb / 4P
[Old version datasheet]   HEX 2-INPUT NAND DRIVER
logo
Fairchild Semiconductor
DM74AS1804 FAIRCHILD-DM74AS1804 Datasheet
46Kb / 4P
   Hex 2-Input NAND Driver
DM74AS804B FAIRCHILD-DM74AS804B Datasheet
43Kb / 4P
   Hex 2-Input NAND Driver
logo
NXP Semiconductors
74F805 PHILIPS-74F805 Datasheet
102Kb / 8P
   Hex 2-input NOR drivers
1990 Sep 14
logo
Texas Instruments
SN54AS808B TI1-SN54AS808B_16 Datasheet
618Kb / 13P
[Old version datasheet]   HEX 2-INPUT AND DRIVERS
SN54ALS805A TI1-SN54ALS805A_16 Datasheet
659Kb / 15P
[Old version datasheet]   HEX 2-INPUT NOR DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com