Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54AS804B Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN54AS804B
Description  HEX 2-INPUT NAND DRIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54AS804B Datasheet(HTML) 1 Page - Texas Instruments

  SN54AS804B Datasheet HTML 1Page - Texas Instruments SN54AS804B Datasheet HTML 2Page - Texas Instruments SN54AS804B Datasheet HTML 3Page - Texas Instruments SN54AS804B Datasheet HTML 4Page - Texas Instruments SN54AS804B Datasheet HTML 5Page - Texas Instruments SN54AS804B Datasheet HTML 6Page - Texas Instruments SN54AS804B Datasheet HTML 7Page - Texas Instruments SN54AS804B Datasheet HTML 8Page - Texas Instruments SN54AS804B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SN54ALS804A, SN54AS804B, SN74ALS804A, SN74AS804B
HEX 2-INPUT NAND DRIVERS
SDAS022C – DECEMBER 1982 – REVISED JANUARY 1995
Copyright
© 1995, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
High Capacitive-Drive Capability
′ALS804A Has Typical Delay Time of 4 ns
(CL = 50 pF) and Typical Power Dissipation
of 3.4 mW Per Gate
′AS804B Has Typical Delay Time of 2.6 ns
(CL = 50 pF) and Typical Power Dissipation
of Less Than 9 mW Per Gate
Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK), and Standard Plastic (N)
and Ceramic (J) 300-mil DIPs
description
These devices contain six independent 2-input
NAND
drivers.
They
perform
the
Boolean
functions Y = A
• B or Y = A + B in positive logic.
The
SN54ALS804A
and
SN54AS804B
are
characterized for operation over the full military
temperature range of – 55
°C to 125°C. The
SN74ALS804A
and
SN74AS804B
are
characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
(each driver)
INPUTS
OUTPUT
A
B
Y
H
H
L
L
XH
X
L
H
logic symbol
logic diagram (positive logic)
1
1A
2
1B
4
2A
5
2B
7
3A
8
3B
12
4A
13
4B
&
1Y
3
2Y
6
3Y
9
4Y
11
15
5A
16
5B
18
6A
19
6B
5Y
14
6Y
17
1Y
3
1
1A
2
1B
2Y
6
4
2A
5
2B
3Y
9
7
3A
8
3B
4Y
11
12
4A
13
4B
5Y
14
15
5A
16
5B
6Y
17
18
6A
19
6B
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1A
1B
1Y
2A
2B
2Y
3A
3B
3Y
GND
VCC
6B
6A
6Y
5B
5A
5Y
4B
4A
4Y
SN54ALS804A, SN54AS804B ...J PACKAGE
SN74ALS804A, SN74AS804B . . . DW OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
6A
6Y
5B
5A
5Y
2A
2B
2Y
3A
3B
SN54ALS804A, SN54AS804B . . . FK PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN54AS804B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS804B TI-SN54AS804B Datasheet
439Kb / 13P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
SN54AS804BFK TI-SN54AS804BFK Datasheet
439Kb / 13P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
SN54AS804BJ TI-SN54AS804BJ Datasheet
439Kb / 13P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
More results

Similar Description - SN54AS804B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F804 PHILIPS-74F804 Datasheet
76Kb / 8P
   Hex 2-input NAND drivers
1990 Sep 14
logo
Texas Instruments
SN54ALS1804A TI-SN54ALS1804A Datasheet
59Kb / 4P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
SN54ALS804A TI-SN54ALS804A Datasheet
439Kb / 13P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
logo
Fairchild Semiconductor
DM74ALS804A FAIRCHILD-DM74ALS804A Datasheet
45Kb / 4P
   Hex 2-Input NAND Driver
logo
Texas Instruments
SN74AS1804 TI-SN74AS1804 Datasheet
69Kb / 4P
[Old version datasheet]   HEX 2-INPUT NAND DRIVER
logo
Fairchild Semiconductor
DM74AS1804 FAIRCHILD-DM74AS1804 Datasheet
46Kb / 4P
   Hex 2-Input NAND Driver
DM74AS804B FAIRCHILD-DM74AS804B Datasheet
43Kb / 4P
   Hex 2-Input NAND Driver
logo
NXP Semiconductors
74F805 PHILIPS-74F805 Datasheet
102Kb / 8P
   Hex 2-input NOR drivers
1990 Sep 14
logo
Texas Instruments
SN54AS808B TI1-SN54AS808B_16 Datasheet
618Kb / 13P
[Old version datasheet]   HEX 2-INPUT AND DRIVERS
SN54ALS805A TI1-SN54ALS805A_16 Datasheet
659Kb / 15P
[Old version datasheet]   HEX 2-INPUT NOR DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com