Electronic Components Datasheet Search |
|
TAS5162DKDG4 Datasheet(PDF) 3 Page - Texas Instruments |
|
TAS5162DKDG4 Datasheet(HTML) 3 Page - Texas Instruments |
3 / 29 page www.ti.com MODE Selection Pins for Both Packages Package Heat Dissipation Ratings (1) TAS5162 SLES194C – OCTOBER 2006 – REVISED MAY 2007 GENERAL INFORMATION (continued) MODE PINS PWM INPUT OUTPUT CONFIGURATION PROTECTION SCHEME M3 M2 M1 0 0 0 2N (1) AD/BD modulation 2 channels BTL output BTL mode, full protection (2) 0 0 1 2N (1) AD/BD modulation 2 channels BTL output BTL mode, latching shutdown (2) 0 1 0 1N (1) AD modulation 2 channels BTL output BTL mode, full protection (2) 0 1 1 1N (1) AD modulation 1 channel PBTL output PBTL mode, full protection. Only PWM_A input is used. Protection works similarly to BTL mode (2). Only difference in SE mode is that OUT_X is Hi-Z 1 0 0 1N (1) AD modulation 4 channels SE output instead of a pulldown through internal pulldown resistor. 1 0 1 Protection works similarly to SE Mode (2) 4 channels SE output - No (1,0,0); however, the PWM input protection is 1N (1) AD modulation PWM Input protection, latching disabled. Also, overcurrent detection will latch if shutdown an error occurs. 1 1 0 Reserved 1 1 1 (1) The 1N and 2N naming convention is used to indicate the required number of PWM lines to the power stage per channel in a specific mode. (2) An overload protection (OLP) occurring on A or B causes both channels to shut down. An OLP on C or D works similarly. Global errors like overtemperature error (OTE), undervoltage protection (UVP), and power-on reset (POR) affect all channels. PARAMETER TAS5162DKD TAS5162DDV RθJC (°C/W)—2 BTL or 4 SE channels (8 transistors) 1.0 1.1 RθJC (°C/W)—1 BTL or 2 SE channel(s) (4 transistors) 1.5 2.2 RθJC (°C/W)—(1 transistor) 5.0 7.4 Pad area(2) 80 mm2 34 mm2 (1) JC is junction-to-case, CH is case-to-heatsink. (2) RθCH is an important consideration. Assume a 2-mil thickness of typical thermal grease between the pad area and the heatsink and both channels active. The RθCH with this condition is 2.6°C/W for the DKD package and 4.0°C/W for the DDV package. 3 Submit Documentation Feedback |
Similar Part No. - TAS5162DKDG4 |
|
Similar Description - TAS5162DKDG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |