Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5414_0705 Datasheet(PDF) 1 Page - Texas Instruments

Part # TAS5414_0705
Description  FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5414_0705 Datasheet(HTML) 1 Page - Texas Instruments

  TAS5414_0705 Datasheet HTML 1Page - Texas Instruments TAS5414_0705 Datasheet HTML 2Page - Texas Instruments TAS5414_0705 Datasheet HTML 3Page - Texas Instruments TAS5414_0705 Datasheet HTML 4Page - Texas Instruments TAS5414_0705 Datasheet HTML 5Page - Texas Instruments TAS5414_0705 Datasheet HTML 6Page - Texas Instruments TAS5414_0705 Datasheet HTML 7Page - Texas Instruments TAS5414_0705 Datasheet HTML 8Page - Texas Instruments TAS5414_0705 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
TAS5414
TAS5424
SLOS514 – FEBRUARY 2007
FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
• 36-Pin PSOP3 (DKD) Power SOP Package
With Heat Slug Up for the TAS5414
• TAS5414 – Single-Ended Input
• 44-Pin PSOP3 (DKD) Power SOP Package
• TAS5424 – Differential Input
With Heat Slug Up for the TAS5424
• Four-Channel Digital Power Amplifier
• Designed for Automotive EMC Requirements
• Four Analog Inputs, Four BTL Power Outputs
• Pb-Free Soldering Supported
• Typical Output Power per Channel at 10%
• ISO9000:2002 TS16949 Certified
THD+N
• –40°C to 105°C Ambient Temperature Range
28 W/Ch Into 4
Ω at 14.4 Vdc
45 W/Ch Into 2
Ω at 14.4 Vdc
58 W/Ch Into 4
Ω at 21 Vdc
• High-power OEM/retail head units and
116 W/Ch Into 2
Ω at 21 Vdc PBTL
amplifier modules where feature densities and
system configurations require reduction in
• Channels Can Be Paralleled (PBTL) for 1-Ω
heat from the audio power amplifier
Applications
• THD+N < 0.02%, 1 kHz, 1 W Into 4 Ω
• Patented Pop- and Click-Reduction
The TAS5414 and TAS5424 are four-channel digital
Technology
audio amplifiers designed for use in automotive head
Soft Muting With Gain Ramp Control
units and external amplifier modules. The TAS5414
Common-Mode Ramping
and TAS5424 provide four channels at 23 W
continuously into 4
Ω at less than 1% THD+N from a
• Patented AM Interference Avoidance
14.4-V supply. Each channel can also deliver 38 W
• Patented Cycle-by-Cycle Current Limit
into 2
Ω at 1% THD+N. The TAS5414 uses
• 75-dB PSRR
single-ended analog inputs, while the TAS5424
• Four-Address I2C Serial Interface for Device
employs differential inputs for increased immunity to
common-mode system noise. The digital PWM
Configuration and Control
topology of the TAS5414 and TAS5424 provides
• Configurable Channel Gains: 12-dB, 20-dB,
dramatic improvements in efficiency over traditional
26-dB, 32-dB
linear amplifier solutions. This reduces the power
• Load Diagnostic Functions:
dissipated by the amplifier by a factor of ten under
typical music playback conditions. High efficiency is
Output Open and Shorted Load
accomplished without the need for complicated
Output-to-Power and -to-Ground Shorts
power-supply
schemes.
Multiple
TAS5414s
or
Patented Tweeter Detection
TAS5424s
can
be
synchronized
to
meet
high-channel-count applications.
• Protection and Monitoring Functions:
Short-Circuit Protection
The TAS5414 and TAS5424 incorporate all the
functionality needed to perform in the demanding
Load-Dump Protection to 50 V
OEM applications area. They have built-in load
Fortuitous Open Ground and Power
diagnostic functions for detecting and diagnosing
Tolerant
misconnected outputs to help to reduce test time
Patented Output DC Level Detection While
during the manufacturing process.
Music Playing
Overtemperature Protection
Over- and Undervoltage Conditions
Clip Detection
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS5414_0705

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5414 TI-TAS5414_08 Datasheet
1,015Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
More results

Similar Description - TAS5414_0705

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5414A TI-TAS5414A_15 Datasheet
1Mb / 53P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414C-Q1 TI1-TAS5414C-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   Four-Channel Automotive Digital Amplifiers
TAS5414A TI1-TAS5414A_17 Datasheet
3Mb / 55P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414A TI-TAS5414A Datasheet
990Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI1-TAS5414B-Q1 Datasheet
1,009Kb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI1-TAS5414B-Q1_16 Datasheet
2Mb / 46P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI-TAS5414B-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414CTPHDRQ1 TI-TAS5414CTPHDRQ1 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414 TI-TAS5414 Datasheet
880Kb / 41P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414A TI-TAS5414A_08 Datasheet
1Mb / 48P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com