Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMDS351PAG Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS351PAG
Description  2.5 Gbps 3-TO-1 DVI/HDMI SWITCH
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS351PAG Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMDS351PAG Datasheet HTML 7Page - Texas Instruments TMDS351PAG Datasheet HTML 8Page - Texas Instruments TMDS351PAG Datasheet HTML 9Page - Texas Instruments TMDS351PAG Datasheet HTML 10Page - Texas Instruments TMDS351PAG Datasheet HTML 11Page - Texas Instruments TMDS351PAG Datasheet HTML 12Page - Texas Instruments TMDS351PAG Datasheet HTML 13Page - Texas Instruments TMDS351PAG Datasheet HTML 14Page - Texas Instruments TMDS351PAG Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
www.ti.com
TMDS
Driver
0 V or 3.6 V
50 W
50 W
_
+
IOS
50%
VOL
tsk(D)
VY
VZ
VOH
Data +
Data -
Clk+
Clk-
VideoPatterm
Generator
1000 mVpp
Differential
Coax
Coax
Coax
Coax
Coax
Coax
Coax
Coax
<2" 50
TransmissionLine
TMDS351
RX
+
EQ
M
U
X
OUT
RX
+
EQ
M
U
X
OUT
<2" 50
TransmissionLine
<2" 50
TransmissionLine
<2" 50
TransmissionLine
SMA
SMA
SMA
SMA
SMA
SMA
SMA
SMA
AVcc
RT
RT
AVcc
RT
RT
Jitter Test
Instrument
Jitter Test
Instrument
TP3
TP2
TP1
HDMICables
TMDS351
SLLS840 – MAY 2007
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 3. Short Circuit Output Current Test Circuit
Figure 4. Definition of Intra-Pair Differential Skew
A.
HDMI 1.3 compliant cable when EQ = Low, and 10m 28AWG input cable when EQ = High.
B.
All jitters are measured in BER of 10-9
C.
The residual jitter reflects the total jitter measured at the output of the DUT, TP3, subtract the total jitter from the
signal generator, TP1
Figure 5. Jitter Test Circuit
11
Submit Documentation Feedback


Similar Part No. - TMDS351PAG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS3200051 TI1-TMDS3200051 Datasheet
661Kb / 44P
[Old version datasheet]   Powerful 16-Bit TMS320C511A CPU
TMDS3240150 TI1-TMDS3240150 Datasheet
661Kb / 44P
[Old version datasheet]   Powerful 16-Bit TMS320C511A CPU
TMDS3240650 TI1-TMDS3240650 Datasheet
661Kb / 44P
[Old version datasheet]   Powerful 16-Bit TMS320C511A CPU
TMDS3242250-08 TI1-TMDS3242250-08 Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMDS3242251-08 TI1-TMDS3242251-08 Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMDS351PAG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS251 TI-TMDS251 Datasheet
688Kb / 27P
[Old version datasheet]   2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
TMDS250 TI-TMDS250 Datasheet
674Kb / 26P
[Old version datasheet]   2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
TMDS341A TI-TMDS341A_07 Datasheet
1Mb / 27P
[Old version datasheet]   3-TO-1 DVI/HDMI SWITCH
TMDS341 TI-TMDS341 Datasheet
1Mb / 25P
[Old version datasheet]   3-TO-1 DVI/HDMI SWITCH
TMDS341A TI-TMDS341A Datasheet
1Mb / 25P
[Old version datasheet]   3-TO-1 DVI/HDMI SWITCH
logo
Analog Devices
ADV3000 AD-ADV3000 Datasheet
781Kb / 28P
   3:1 HDMI/DVI Switch with Equalization
REV. 0
logo
Texas Instruments
TMDS361 TI-TMDS361 Datasheet
2Mb / 42P
[Old version datasheet]   1080p - Deep Color 3-to-1 HDMI/DVI Switch with Adaptive Equalization
TMDS442 TI-TMDS442 Datasheet
1Mb / 45P
[Old version datasheet]   4-TO-2 DVI/HDMI SWITCH
TMDS442 TI1-TMDS442_14 Datasheet
2Mb / 46P
[Old version datasheet]   4-TO-2 DVI/HDMI SWITCH
logo
Analog Devices
AD8191AASTZ-RL AD-AD8191AASTZ-RL Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com