Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5424TDKDRQ1G4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TAS5424TDKDRQ1G4
Description  FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5424TDKDRQ1G4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5424TDKDRQ1G4 Datasheet HTML 5Page - Texas Instruments TAS5424TDKDRQ1G4 Datasheet HTML 6Page - Texas Instruments TAS5424TDKDRQ1G4 Datasheet HTML 7Page - Texas Instruments TAS5424TDKDRQ1G4 Datasheet HTML 8Page - Texas Instruments TAS5424TDKDRQ1G4 Datasheet HTML 9Page - Texas Instruments TAS5424TDKDRQ1G4 Datasheet HTML 10Page - Texas Instruments TAS5424TDKDRQ1G4 Datasheet HTML 11Page - Texas Instruments TAS5424TDKDRQ1G4 Datasheet HTML 12Page - Texas Instruments TAS5424TDKDRQ1G4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
www.ti.com
TAS5414
TAS5424
SLOS514 – FEBRUARY 2007
ELECTRICAL CHARACTERISTICS (continued)
Test conditions (unless otherwise noted): T
Case = 25°C, PVDD = 14.4 V, RL = 4 Ω, fS = 417 kHz, Rext = 20 kΩ, master mode
operation (see application diagram)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AVDD
VA_BYP
A_BYP pin voltage
6.5
V
VA_BYP_UV_SET
A_BYP UV voltage
4.8
V
VA_BYP_UV_CLEAR
Recovery voltage A_BYP UV
5.3
V
DVDD
VD_BYP
D_BYP pin voltage
3.3
V
POWER-ON RESET (POR)
Maximum PVDD voltage for POR; I2C
VPOR
6
V
active above this voltage
VPOR_HY
PVDD recovery hysteresis voltage for POR
0.1
V
REXT
VREXT
Rext pin voltage
1.24
V
CHARGE PUMP (CP)
VCPUV_SET
CP undervoltage
4.8
V
VCPUV_CLEAR
Recovery voltage for CP UV
5.2
V
OVERTEMPERATURE (OV) PROTECTION
TOTW1_CLEAR
102
115
128
TOTW1_SET /
112
125
138
TOTW2_CLEAR
Junction temperature for overtemperature
TOTW2_SET /
warning
122
135
148
TOTW3_CLEAR
°C
TOTW3_SET /
132
145
158
TOTWD_CLEAR
Junction temperature for overtemperature
TOTSD
142
155
168
shutdown
CURRENT LIMITING PROTECTION
ILIM1
Current limit 1 (load current)
Load < 4
5.5
7.3
9
A
Current limit 2 (load current), I2C setting
ILIM2
Load < 2
8.5
11
13.5
A
current limit level 2
OVERCURRENT (OC) SHUTDOWN PROTECTION
IMAX1
Maximum current 1 (peak output current)
9.5
11.3
13
A
Any short to supply, ground, or other channels
IMAX2
Maximum current 2 (peak output current)
11.5
14.3
17
A
TWEETER DETECT
ITH_TW
Load current threshold for tweeter detect
325
540
750
mA
ILIM_TW
Load current limit for tweeter detect
2
A
STANDBY MODE
VIH_STBY
STANDBY input voltage for logic-level high
2
5.5
V
VIL_STBY
STANDBY input voltage for logic-level low
0
0.7
V
ISTBY_PIN
STANDBY pin current
0.1
0.2
µA
MUTE MODE
GMUTE
Output attenuation
MUTE pin
≤ 0.9Vdc, V
IN = 1 Vrms on all inputs
85
dB
DC DETECT
VTH_DCD_POS
DC detect positive threshold default value
PVDD = 14.4 Vdc, register 0x0E = 8EH
6.5
V
VTH_DCD_NEG
DC detect negative threshold default value
PVDD = 14.4 Vdc, register 0x0F = 3DH
–6.5
V
DC detect step response time for four
tDCD
4.3
s
channels
CLIP_OTW REPORT
CLIP_OTW pin output voltage for logic level
VOH_CLIPOTW
2.4
V
high (open-drain logic output)
External 47-k
Ω pullup resistor to 3 V–5.5 V
CLIP_OTW pin output voltage for logic level
VOL_CLIPOTW
0.5
V
low (open-drain logic output)
9
Submit Documentation Feedback


Similar Part No. - TAS5424TDKDRQ1G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5424TDKDRQ1G4 TI-TAS5424TDKDRQ1G4 Datasheet
1,015Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
More results

Similar Description - TAS5424TDKDRQ1G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5414A TI-TAS5414A_15 Datasheet
1Mb / 53P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414C-Q1 TI1-TAS5414C-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   Four-Channel Automotive Digital Amplifiers
TAS5414A TI1-TAS5414A_17 Datasheet
3Mb / 55P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414A TI-TAS5414A Datasheet
990Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI1-TAS5414B-Q1 Datasheet
1,009Kb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI1-TAS5414B-Q1_16 Datasheet
2Mb / 46P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI-TAS5414B-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414CTPHDRQ1 TI-TAS5414CTPHDRQ1 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414 TI-TAS5414 Datasheet
880Kb / 41P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414A TI-TAS5414A_08 Datasheet
1Mb / 48P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com