Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83816 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83816
Description  10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPHYTER-II )
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83816 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DP83816 Datasheet HTML 1Page - National Semiconductor (TI) DP83816 Datasheet HTML 2Page - National Semiconductor (TI) DP83816 Datasheet HTML 3Page - National Semiconductor (TI) DP83816 Datasheet HTML 4Page - National Semiconductor (TI) DP83816 Datasheet HTML 5Page - National Semiconductor (TI) DP83816 Datasheet HTML 6Page - National Semiconductor (TI) DP83816 Datasheet HTML 7Page - National Semiconductor (TI) DP83816 Datasheet HTML 8Page - National Semiconductor (TI) DP83816 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 106 page
background image
5
www.national.com
2.0 Pin Description
PCI Bus Interface
Symbol
LQFP Pin
No(s)
Dir
Description
AD[31-0]
66, 67, 68, 70,
71, 72, 73, 74,
78, 79, 81, 82,
83, 86, 87, 88,
101, 102, 104,
105, 106, 108,
109, 110, 112,
113, 115, 116,
118, 119, 120,
121
I/O
Address and Data: Multiplexed address and data bus. As a bus master, the
DP83816 will drive address during the first bus phase. During subsequent phases,
the DP83816 will either read or write data expecting the target to increment its
address pointer. As a bus target, the DP83816 will decode each address on the bus
and respond if it is the target being addressed.
CBEN[3-0]
75,
89,
100,
111
I/O
Bus Command/Byte Enable: During the address phase these signals define the
“bus command” or the type of bus transaction that will take place. During the data
phase these pins indicate which byte lanes contain valid data. CBEN[0] applies to
byte 0 (bits 7-0) and CBEN[3] applies to byte 3 (bits 31-24) in the Little Endian
Mode. In Big Endian Mode, CBEN[3] applies to byte 0 (bits 31-24) and CBEN[0]
applies to byte 3 (bits 7-0).
PCICLK
60
I
Clock: This PCI Bus clock provides timing for all bus phases. The rising edge
defines the start of each phase. The clock frequency ranges from 0 to 33 MHz.
DEVSELN
95
I/O
Device Select: As a bus master, the DP83816 samples this signal to insure that the
destination address for the data transfer is recognized by a PCI target. As a target,
the DP83816 asserts this signal low when it recognizes its address after FRAMEN
is asserted.
FRAMEN
91
I/O
Frame: As a bus master, this signal is asserted low to indicate the beginning and
duration of a bus transaction. Data transfer takes place when this signal is asserted.
It is de-asserted before the transaction is in its final phase. As a target, the device
monitors this signal before decoding the address to check if the current transaction
is addressed to it.
GNTN
63
I
Grant: This signal is asserted low to indicate to the DP83816 that it has been
granted ownership of the bus by the central arbiter. This input is used when the
DP83816 is acting as a bus master.
IDSEL
76
I
Initialization Device Select: This pin is sampled by the DP83816 to identify when
configuration read and write accesses are intended for it.
INTAN
61
O
Interrupt A: This signal is asserted low when an interrupt condition occurs as
defined in the Interrupt Status Register, Interrupt Mask, and Interrupt Enable
registers.
IRDYN
92
I/O
Initiator Ready: As a bus master, this signal will be asserted low when the
DP83816 is ready to complete the current data phase transaction. This signal is
used in conjunction with the TRYDN signal. Data transaction takes place at the
rising edge of PCICLK when both IRDYN and TRDYN are asserted low. As a target,
this signal indicates that the master has put the data on the bus.
PAR
99
I/O
Parity: This signal indicates even parity across AD[31-0] and CBEN[3-0] including
the PAR pin. As a master, PAR is asserted during address and write data phases.
As a target, PAR is asserted during read data phases.
PERRN
97
I/O
Parity Error: The DP83816 as a master or target will assert this signal low to
indicate a parity error on any incoming data (except for special cycles). As a bus
master, it will monitor this signal on all write operations (except for special cycles).
REQN
64
O
Request: The DP83816 will assert this signal low to request ownership of the bus
from the central arbiter.
RSTN
62
I
Reset: When this signal is asserted all PCI bus outputs of DP83816 will be in TRI-
STATE® and the device will be put into a known state.


Similar Part No. - DP83816

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83816 NSC-DP83816 Datasheet
1Mb / 105P
   DP83816 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPHYTER-II)
logo
Texas Instruments
DP83816 TI1-DP83816 Datasheet
1Mb / 112P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller
logo
National Semiconductor ...
DP83816AVNG NSC-DP83816AVNG Datasheet
1Mb / 105P
   DP83816 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPHYTER-II)
logo
Texas Instruments
DP83816AVNG TI1-DP83816AVNG Datasheet
853Kb / 108P
[Old version datasheet]   DP83816 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer
DP83816AVNG-EX/NOPB TI1-DP83816AVNG-EX/NOPB Datasheet
843Kb / 108P
[Old version datasheet]   DP83816EX 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter-II)Extended Temperature Range 0 to 85 Degrees C
More results

Similar Description - DP83816

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83816AVNG-NOPB TI1-DP83816AVNG-NOPB Datasheet
854Kb / 109P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter-II)
DP83815 TI1-DP83815_11 Datasheet
969Kb / 110P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
logo
National Semiconductor ...
DP83815 NSC-DP83815 Datasheet
779Kb / 108P
   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
DP83816 NSC-DP83816 Datasheet
1Mb / 105P
   DP83816 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPHYTER-II)
logo
Texas Instruments
DP83816AVNG TI1-DP83816AVNG Datasheet
853Kb / 108P
[Old version datasheet]   DP83816 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer
logo
Silan Microelectronics ...
SC92031 SILAN-SC92031 Datasheet
476Kb / 38P
   10/100 MBPS INTEGRATED PCI ETHERNET MEDIA ACCESS CONTROLLER AND PHYSICAL LAYER
logo
Texas Instruments
DP83816EX TI1-DP83816EX Datasheet
843Kb / 108P
[Old version datasheet]   DP83816EX 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter-II)Extended Temperature Range 0 to 85 Degrees C
DP83816 TI1-DP83816 Datasheet
1Mb / 112P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller
DP83840AVCE TI1-DP83840AVCE Datasheet
682Kb / 91P
[Old version datasheet]   10/100 Mb/s Ethernet Physical Layer
logo
National Semiconductor ...
DP83840A NSC-DP83840A Datasheet
434Kb / 89P
   10/100 Mb/s Ethernet Physical Layer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com