Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B84111-A-K10 Datasheet(PDF) 4 Page - EPCOS

Part # B84111-A-K10
Description  SIFI-A for normal insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84111-A-K10 Datasheet(HTML) 4 Page - EPCOS

  B84111-A-K10 Datasheet HTML 1Page - EPCOS B84111-A-K10 Datasheet HTML 2Page - EPCOS B84111-A-K10 Datasheet HTML 3Page - EPCOS B84111-A-K10 Datasheet HTML 4Page - EPCOS B84111-A-K10 Datasheet HTML 5Page - EPCOS B84111-A-K10 Datasheet HTML 6Page - EPCOS B84111-A-K10 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
144 03/01
2-Line Filters
B84111
SIFI-A Series
Case styles and dimensions
Case style A
Case style A
B84111-A-A10
B84111-A-A60
B84111-A-A20
B84111-A-A110
B84111-A-A30
B84111-A-A120
Case
style
Ordering
code
B84111-
Dimensions in mm
b1
b2
b3
b4
l1
l2
l3
l4
h1
h2
Litz
mm2
Style
1015
A
K
-A-A10
-A-K10
45
51
26,5
60,4
70
50
63,5
76,5
22,3
32
14
A
-A-A20
45
26,5 60,4 70
50
——
76,5 22,3 14
——
A
K
L
-A-A30
-A-K30
-A-L30
45
51
45
26,5
60,4
60,4
70
70
50
63,5
50
76,5
22,3
32
28,6
14
0,82
AWG18
A
B
K
L
-A-A60
-A-B60
-A-K60
-A-L60
45
45
51
45
26,5
26,5
60,4
60,4
70
70
50
50
63,5
50
60,4
70
76,5
76,5
28,6
28,6
32
28,6
20
20
0,82
AWG18
A
B
L
-A-A110
-A-B110
-A-L110
45
45
45
26,5
26,5
60,4
60,4
70
70
50
50
50
60,4
70
76,5
76,5
28,6
28,6
28,6
20
20
1,35
AWG16
A
B
-A-A120
-A-B120
63,5 31,5 74,7 84,5 50,8 ——
77
38,1 28
——
see dimensional drawing
Tab connector
Tab connector


Similar Part No. - B84111-A-K10

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84111A EPCOS-B84111A Datasheet
167Kb / 9P
   EMC filters
B84111A0000A010 EPCOS-B84111A0000A010 Datasheet
167Kb / 9P
   EMC filters
B84111A0000A020 EPCOS-B84111A0000A020 Datasheet
167Kb / 9P
   EMC filters
B84111A0000A030 EPCOS-B84111A0000A030 Datasheet
167Kb / 9P
   EMC filters
B84111A0000A060 EPCOS-B84111A0000A060 Datasheet
167Kb / 9P
   EMC filters
More results

Similar Description - B84111-A-K10

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84114-D-A10 EPCOS-B84114-D-A10 Datasheet
159Kb / 8P
   SIFI-D for high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 10 A
B84115-E-A30 EPCOS-B84115-E-A30 Datasheet
155Kb / 7P
   SIFI-E for high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
B84113-C-A30 EPCOS-B84113-C-A30 Datasheet
131Kb / 7P
   SIFI-C for very high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
B84112B EPCOS-B84112B Datasheet
163Kb / 10P
   2-line filters SIFI-B for enhanced insertion loss Rated current 1 to 20 A
B84102-K EPCOS-B84102-K Datasheet
101Kb / 5P
   Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1 to 6 A
B84110-A EPCOS-B84110-A Datasheet
104Kb / 5P
   Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 0,5 A to 6 A
B84142-B8-R EPCOS-B84142-B8-R Datasheet
153Kb / 5P
   Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 8 A to 25 A
B84103 EPCOS-B84103 Datasheet
156Kb / 5P
   Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1 to 6 A
B84142-A10-R EPCOS-B84142-A10-R Datasheet
220Kb / 7P
   Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 10 to 60 A
B84110-B EPCOS-B84110-B Datasheet
94Kb / 4P
   Power line filter for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1,4 A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com