Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82442-H1103-K Datasheet(PDF) 4 Page - EPCOS

Part # B82442-H1103-K
Description  High-current version Size 2220 (EIA) or 5650 (IEC) Rated inductance 1 to 10000 mH Rated current 35 to 2500 mA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82442-H1103-K Datasheet(HTML) 4 Page - EPCOS

  B82442-H1103-K Datasheet HTML 1Page - EPCOS B82442-H1103-K Datasheet HTML 2Page - EPCOS B82442-H1103-K Datasheet HTML 3Page - EPCOS B82442-H1103-K Datasheet HTML 4Page - EPCOS B82442-H1103-K Datasheet HTML 5Page - EPCOS B82442-H1103-K Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
138 04/00
B82442-H
SMT Inductors, SIMID Series
SIMID 2220-H
Characteristics and ordering codes
1) Replace the + by the code letter for the required inductance tolerance (see table).
LR
µH
Toler-
ance
Qmin
fL; fQ
MHz
IR
mA
Rmax
fres, min
MHz
Ordering code1)
1,0
± 10 %
K
10
7,96
2500
0,024
95
B82442-H1102-K
1,2
10
7,96
2350
0,028
70
B82442-H1122-K
1,5
10
7,96
2200
0,032
55
B82442-H1152-K
1,8
10
7,96
2000
0,040
47
B82442-H1182-K
2,2
10
7,96
1800
0,048
42
B82442-H1222-K
2,7
10
7,96
1700
0,056
37
B82442-H1272-K
3,3
10
7,96
1550
0,064
34
B82442-H1332-K
3,9
10
7,96
1450
0,072
32
B82442-H1392-K
4,7
10
7,96
1350
0,088
29
B82442-H1472-K
5,6
10
7,96
1250
0,104
26
B82442-H1562-K
6,8
10
7,96
1130
0,120
24
B82442-H1682-K
8,2
10
7,96
1050
0,144
22
B82442-H1822-K
10
10
2,52
1000
0,168
19
B82442-H1103-K
12
10
2,52
880
0,20
17
B82442-H1123-K
15
10
2,52
810
0,24
16
B82442-H1153-K
18
10
2,52
740
0,29
14
B82442-H1183-K
22
10
2,52
670
0,35
13
B82442-H1223-K
27
10
2,52
620
0,42
11,5
B82442-H1273-K
33
± 5 %
J
± 10 %
K
10
2,52
560
0,50
10,5
B82442-H1333-+
39
10
2,52
520
0,58
9,5
B82442-H1393-+
47
10
2,52
480
0,68
8,5
B82442-H1473-+
56
10
2,52
430
0,80
7,8
B82442-H1563-+
68
10
2,52
400
0,96
7,0
B82442-H1683-+
82
10
2,52
380
1,12
6,4
B82442-H1823-+
100
20
0,796
350
1,28
6,0
B82442-H1104-+
120
20
0,796
320
1,52
5,4
B82442-H1124-+
150
20
0,796
290
1,76
4,8
B82442-H1154-+
180
20
0,796
270
2,24
4,4
B82442-H1184-+
220
20
0,796
240
2,72
3,9
B82442-H1224-+
270
20
0,796
220
3,36
3,6
B82442-H1274-+
^
^
^


Similar Part No. - B82442-H1103-K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82442A EPCOS-B82442A Datasheet
150Kb / 9P
   SIMID 2220-A
B82442A EPCOS-B82442A Datasheet
113Kb / 9P
   Upright ferrite drum core
B82442A1102A000 EPCOS-B82442A1102A000 Datasheet
180Kb / 9P
   SMT inductors
B82442A1102K EPCOS-B82442A1102K Datasheet
113Kb / 9P
   SMT inductors-13
B82442A1102K000 EPCOS-B82442A1102K000 Datasheet
180Kb / 9P
   SMT inductors
More results

Similar Description - B82442-H1103-K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422-H1102-K100 EPCOS-B82422-H1102-K100 Datasheet
68Kb / 5P
   High-current version Size 1210 (EIA) or 3225 (IEC) Rated inductance 1 to 100 mH Rated current 90 to 650 mA
B82432-H1102-K EPCOS-B82432-H1102-K Datasheet
71Kb / 5P
   High-current version Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 330 mH Rated current 110 to 1100 mA
B82412-A3100-M EPCOS-B82412-A3100-M Datasheet
107Kb / 6P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,010 to 10 mH Rated current 90 to 700 mA
B82422-A3829-M EPCOS-B82422-A3829-M Datasheet
106Kb / 6P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,0082 to 100 mH Rated current 65 to 700 mA
B82422-T3100 EPCOS-B82422-T3100 Datasheet
110Kb / 6P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,010 to 330 mH Rated current 40 to 450 mA
B82432-A1102-K EPCOS-B82432-A1102-K Datasheet
102Kb / 6P
   Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 55 to 600 mA
B82432-T EPCOS-B82432-T Datasheet
56Kb / 2P
   Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 60 to 1300 mA
SIMID EPCOS-SIMID Datasheet
125Kb / 8P
   Size 0603 (EIA) and/or 1608 (IEC) Rated inductance 1 nH to 220 nH Rated current 110 mA to 1800 mA
B82422-A3829 EPCOS-B82422-A3829 Datasheet
124Kb / 7P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,0082 to 100 uH Rated current 65 to 800 mA
B82498-B3279-M EPCOS-B82498-B3279-M Datasheet
74Kb / 6P
   Size 0805 (EIA) and/or 2012 (IEC) Rated inductance 2,7 to 4700 nH Rated current 90 to 1000 mA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com