Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72650M0140K072 Datasheet(PDF) 4 Page - EPCOS

Part # B72650M0140K072
Description  Monolithic; Standard Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72650M0140K072 Datasheet(HTML) 4 Page - EPCOS

  B72650M0140K072 Datasheet HTML 1Page - EPCOS B72650M0140K072 Datasheet HTML 2Page - EPCOS B72650M0140K072 Datasheet HTML 3Page - EPCOS B72650M0140K072 Datasheet HTML 4Page - EPCOS B72650M0140K072 Datasheet HTML 5Page - EPCOS B72650M0140K072 Datasheet HTML 6Page - EPCOS B72650M0140K072 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
146 04/02
CU3225K150G2 B72650M0151K072
150
200
400
4,9
0,10
CU4032K150G2 B72660M0151K072
150
200
1200
11,0
0,25
CU3225K175G2 B72650M0171K072
175
225
400
5,6
0,10
CU4032K175G2 B72660M0171K072
175
225
1200
13,0
0,25
CU3225K230G2 B72650M0231K072
230
300
400
7,2
0,10
CU4032K230G2 B72660M0231K072
230
300
1200
17,0
0,25
CU3225K250G2 B72650M0251K072
250
320
400
8,2
0,10
CU4032K250G2 B72660M0251K072
250
320
1200
19,0
0,25
CU3225K275G2 B72650M0271K072
275
350
400
8,6
0,10
CU4032K275G2 B72660M0271K072
275
350
1200
21,0
0,25
CU3225K300G2 B72650M0301K072
300
385
400
9,6
0,10
CU4032K300G2 B72660M0301K072
300
385
1200
23,0
0,25
CU4032K460G2 B72660M0461K072
460
615
1000
36,0
0,25
Maximum ratings (TA = 85 °C)
Type
SIOV-
Ordering code
VRMS
V
VDC
V
imax
8/20
ms
A
Wmax
(2 ms)
J
Pmax
W
Monolithic; Standard Series
SMD Varistors


Similar Part No. - B72650M0140K072

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72650M0140K072 EPCOS-B72650M0140K072 Datasheet
846Kb / 33P
   Ceramic transient voltage suppressors SMD disk varistors standard series
B72650M0140K072 EPCOS-B72650M0140K072 Datasheet
863Kb / 35P
   Ceramic transient voltage suppressors
B72650M0140K072 EPCOS-B72650M0140K072 Datasheet
863Kb / 35P
   Ceramic transient voltage suppressors
B72650M0140K072 EPCOS-B72650M0140K072 Datasheet
885Kb / 36P
   Ceramic transient voltage suppressors
B72650M0140K072 EPCOS-B72650M0140K072 Datasheet
863Kb / 35P
   Ceramic transient voltage suppressors
More results

Similar Description - B72650M0140K072

ManufacturerPart #DatasheetDescription
logo
Wolfgang Knap
UM1FAMILY-CAT5S49 WK-UM1FAMILY-CAT5S49 Datasheet
855Kb / 1P
   STANDARD MONOLITHIC CRYSTAL FILTERS
logo
Murata Manufacturing Co...
GA342A1XGD820JW31 MURATA-GA342A1XGD820JW31 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342D1XGD220JY02 MURATA-GA342D1XGD220JY02 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342A1XGF330JW31 MURATA-GA342A1XGF330JW31 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342A1XGD330JW31 MURATA-GA342A1XGD330JW31 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342A1XGF390JW31 MURATA-GA342A1XGF390JW31 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA343QR7GD182KW01 MURATA-GA343QR7GD182KW01 Datasheet
713Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA355QR7GF182KW01 MURATA-GA355QR7GF182KW01 Datasheet
714Kb / 1P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA355ER7GB473KW01 MURATA-GA355ER7GB473KW01 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342QR7GD471KW01 MURATA-GA342QR7GD471KW01 Datasheet
713Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com