Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82442-H1333-+ Datasheet(PDF) 5 Page - EPCOS

Part # B82442-H1333-+
Description  High-current version Size 2220 (EIA) or 5650 (IEC) Rated inductance 1 to 10000 mH Rated current 35 to 2500 mA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82442-H1333-+ Datasheet(HTML) 5 Page - EPCOS

  B82442-H1333-+ Datasheet HTML 1Page - EPCOS B82442-H1333-+ Datasheet HTML 2Page - EPCOS B82442-H1333-+ Datasheet HTML 3Page - EPCOS B82442-H1333-+ Datasheet HTML 4Page - EPCOS B82442-H1333-+ Datasheet HTML 5Page - EPCOS B82442-H1333-+ Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
139 04/00
B82442-H
SMT Inductors, SIMID Series
SIMID 2220-H
Characteristics and ordering codes (continued)
1) Replace the + by the code letter for the required inductance tolerance (see table).
LR
µH
Toler-
ance
Qmin
fL; fQ
MHz
IR
mA
Rmax
fres, min
MHz
Ordering code1)
330
± 5 %
J
± 10 %
K
20
0,796
200
3,92
3,2
B82442-H1334-+
390
20
0,796
180
4,64
2,9
B82442-H1394-+
470
20
0,796
170
5,60
2,6
B82442-H1474-+
560
20
0,796
150
6,80
2,4
B82442-H1564-+
680
20
0,796
140
8,00
2,2
B82442-H1684-+
820
20
0,796
130
10,4
2,0
B82442-H1824-+
1000
30
0,252
120
12,0
1,8
B82442-H1105-+
1200
30
0,252
105
13,6
1,5
B82442-H1125-+
1500
30
0,252
100
16,0
1,4
B82442-H1155-+
1800
30
0,252
85
24,0
1,3
B82442-H1185-+
2200
30
0,252
75
28,0
1,2
B82442-H1225-+
2700
30
0,252
65
44,0
1,1
B82442-H1275-+
3300
30
0,252
55
48,0
1,0
B82442-H1335-+
3900
30
0,252
53
56,0
1,0
B82442-H1395-+
4700
30
0,252
50
62,4
0,9
B82442-H1475-+
5600
30
0,252
46
68,0
0,8
B82442-H1565-+
6800
30
0,252
42
88,0
0,7
B82442-H1685-+
8200
30
0,252
39
100
0,6
B82442-H1825-+
10000
30
0,0796
35
120
0,5
B82442-H1106-+
^
^


Similar Part No. - B82442-H1333-+

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82442A EPCOS-B82442A Datasheet
150Kb / 9P
   SIMID 2220-A
B82442A EPCOS-B82442A Datasheet
113Kb / 9P
   Upright ferrite drum core
B82442A1102A000 EPCOS-B82442A1102A000 Datasheet
180Kb / 9P
   SMT inductors
B82442A1102K EPCOS-B82442A1102K Datasheet
113Kb / 9P
   SMT inductors-13
B82442A1102K000 EPCOS-B82442A1102K000 Datasheet
180Kb / 9P
   SMT inductors
More results

Similar Description - B82442-H1333-+

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422-H1102-K100 EPCOS-B82422-H1102-K100 Datasheet
68Kb / 5P
   High-current version Size 1210 (EIA) or 3225 (IEC) Rated inductance 1 to 100 mH Rated current 90 to 650 mA
B82432-H1102-K EPCOS-B82432-H1102-K Datasheet
71Kb / 5P
   High-current version Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 330 mH Rated current 110 to 1100 mA
B82412-A3100-M EPCOS-B82412-A3100-M Datasheet
107Kb / 6P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,010 to 10 mH Rated current 90 to 700 mA
B82422-A3829-M EPCOS-B82422-A3829-M Datasheet
106Kb / 6P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,0082 to 100 mH Rated current 65 to 700 mA
B82422-T3100 EPCOS-B82422-T3100 Datasheet
110Kb / 6P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,010 to 330 mH Rated current 40 to 450 mA
B82432-A1102-K EPCOS-B82432-A1102-K Datasheet
102Kb / 6P
   Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 55 to 600 mA
B82432-T EPCOS-B82432-T Datasheet
56Kb / 2P
   Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 60 to 1300 mA
SIMID EPCOS-SIMID Datasheet
125Kb / 8P
   Size 0603 (EIA) and/or 1608 (IEC) Rated inductance 1 nH to 220 nH Rated current 110 mA to 1800 mA
B82422-A3829 EPCOS-B82422-A3829 Datasheet
124Kb / 7P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,0082 to 100 uH Rated current 65 to 800 mA
B82498-B3279-M EPCOS-B82498-B3279-M Datasheet
74Kb / 6P
   Size 0805 (EIA) and/or 2012 (IEC) Rated inductance 2,7 to 4700 nH Rated current 90 to 1000 mA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com