Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82476-A1684-M Datasheet(PDF) 3 Page - EPCOS

Part # B82476-A1684-M
Description  Rated inductance 10 to 1000 mH Rated current 300 to 3800 mA
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82476-A1684-M Datasheet(HTML) 3 Page - EPCOS

  B82476-A1684-M Datasheet HTML 1Page - EPCOS B82476-A1684-M Datasheet HTML 2Page - EPCOS B82476-A1684-M Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
143 04/00
B82476
SMT Power Inductors
General technical data
Characteristics and ordering codes
Rated inductance
LR
Measured with HP 4194A at 100 kHz,
measuring current
≤ 1mA
Rated current
IR
Maximum permissible dc with
inductance decrease
∆L/L
0 ≈10 %
and temperature increase of
≤ 40 K
at rated temperature of 85
°C
DC resistance
Rmax
Measured at 20
°C ambient temperature
Climatic category
In accordance with IEC 60068-1
40/085/56 (– 40
°C/+ 85°C/56 days damp heat test)
Solderability
5 s, 235 ˚C, wetting >90 %
Weight
Approx. 2 g
LR
µH
Toler-
ance
IR
mA
Rmax
Ordering code
10
± 20 %
M
3800
0,025
B82476-A1103-M
15
3000
0,040
B82476-A1153-M
22
2600
0,050
B82476-A1223-M
33
2000
0,088
B82476-A1333-M
47
1600
0,12
B82476-A1473-M
68
1400
0,16
B82476-A1683-M
100
1200
0,23
B82476-A1104-M
150
1000
0,33
B82476-A1154-M
220
800
0,53
B82476-A1224-M
330
600
0,81
B82476-A1334-M
470
500
1,10
B82476-A1474-M
680
400
1,60
B82476-A1684-M
1000
300
2,15
B82476-A1105-M
^
Jump to succeding page


Similar Part No. - B82476-A1684-M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82476 EPCOS-B82476 Datasheet
40Kb / 3P
   SMT-Power-Inductors
B82476A1 EPCOS-B82476A1 Datasheet
163Kb / 7P
   SMT power inductors
B82476A1102M000 EPCOS-B82476A1102M000 Datasheet
163Kb / 7P
   SMT power inductors
B82476A1102M000 EPCOS-B82476A1102M000 Datasheet
552Kb / 7P
   SMT power inductors
B82476A1103M000 EPCOS-B82476A1103M000 Datasheet
163Kb / 7P
   SMT power inductors
More results

Similar Description - B82476-A1684-M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82478-A1103-M EPCOS-B82478-A1103-M_1 Datasheet
59Kb / 3P
   Rated inductance 10 to 1000 mH Rated current 400 to 3500 mA
B82432-T EPCOS-B82432-T Datasheet
56Kb / 2P
   Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 60 to 1300 mA
B82432-A1102-K EPCOS-B82432-A1102-K Datasheet
102Kb / 6P
   Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 55 to 600 mA
B82412-A3100-M EPCOS-B82412-A3100-M Datasheet
107Kb / 6P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,010 to 10 mH Rated current 90 to 700 mA
B82141A EPCOS-B82141A Datasheet
229Kb / 10P
   SBC choke (Small Bobbin Core) Rated current 55 to 725 mA Rated inductance 1 to 1000
B82422-A3829-M EPCOS-B82422-A3829-M Datasheet
106Kb / 6P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,0082 to 100 mH Rated current 65 to 700 mA
B82422-T3100 EPCOS-B82422-T3100 Datasheet
110Kb / 6P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,010 to 330 mH Rated current 40 to 450 mA
B82472-G4 EPCOS-B82472-G4 Datasheet
505Kb / 4P
   Size 7x7 mm Rated inductance 1 mH .. 1000 mH
B82464G4682M EPCOS-B82464G4682M Datasheet
45Kb / 3P
   Size 10x10 mm Rated inductance 0,82 mH .. 1000 mH
B82422-H1102-K100 EPCOS-B82422-H1102-K100 Datasheet
68Kb / 5P
   High-current version Size 1210 (EIA) or 3225 (IEC) Rated inductance 1 to 100 mH Rated current 90 to 650 mA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com