Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C62122-A132-B91 Datasheet(PDF) 6 Page - EPCOS

Part # C62122-A132-B91
Description  SIFI-A for normal insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

C62122-A132-B91 Datasheet(HTML) 6 Page - EPCOS

  C62122-A132-B91 Datasheet HTML 1Page - EPCOS C62122-A132-B91 Datasheet HTML 2Page - EPCOS C62122-A132-B91 Datasheet HTML 3Page - EPCOS C62122-A132-B91 Datasheet HTML 4Page - EPCOS C62122-A132-B91 Datasheet HTML 5Page - EPCOS C62122-A132-B91 Datasheet HTML 6Page - EPCOS C62122-A132-B91 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
146 03/01
2-Line Filters
B84111
SIFI-A Series
Insertion loss (typical values at Z = 50
Ω)
unsymmetrical, adjacent branches terminated
common mode, all branches in parallel (asymmetrical)
differential mode (symmetrical)
B84111-A-*10 ... -A-*30
B84111-A-*60
B84111-A-*110
B84111-A-*120
SSB0239-I
10 4
f
Hz
5
10
10 6
10 7
10 8
0
20
40
60
80
dB
100
α
e
SSB0240-L
10 4
f
Hz
5
10
10 6
10 7
10 8
0
20
40
60
80
dB
100
α
e
SSB0241-U
10 4
f
Hz
5
10
10 6
10 7
10 8
0
20
40
60
80
dB
100
α
e
SSB0242-3
10 4
f
Hz
5
10
10 6
10 7
10 8
0
20
40
60
80
dB
100
α
e


Similar Part No. - C62122-A132-B91

ManufacturerPart #DatasheetDescription
logo
EPCOS
C62122-A132-B91 EPCOS-C62122-A132-B91 Datasheet
144Kb / 8P
   2-Line Filters
More results

Similar Description - C62122-A132-B91

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84114-D-A10 EPCOS-B84114-D-A10 Datasheet
159Kb / 8P
   SIFI-D for high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 10 A
B84115-E-A30 EPCOS-B84115-E-A30 Datasheet
155Kb / 7P
   SIFI-E for high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
B84113-C-A30 EPCOS-B84113-C-A30 Datasheet
131Kb / 7P
   SIFI-C for very high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
B84112B EPCOS-B84112B Datasheet
163Kb / 10P
   2-line filters SIFI-B for enhanced insertion loss Rated current 1 to 20 A
B84102-K EPCOS-B84102-K Datasheet
101Kb / 5P
   Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1 to 6 A
B84110-A EPCOS-B84110-A Datasheet
104Kb / 5P
   Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 0,5 A to 6 A
B84142-B8-R EPCOS-B84142-B8-R Datasheet
153Kb / 5P
   Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 8 A to 25 A
B84103 EPCOS-B84103 Datasheet
156Kb / 5P
   Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1 to 6 A
B84142-A10-R EPCOS-B84142-A10-R Datasheet
220Kb / 7P
   Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 10 to 60 A
B84110-B EPCOS-B84110-B Datasheet
94Kb / 4P
   Power line filter for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1,4 A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com