Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B84112-B-B30 Datasheet(PDF) 2 Page - EPCOS

Part # B84112-B-B30
Description  2-Line Filters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84112-B-B30 Datasheet(HTML) 2 Page - EPCOS

  B84112-B-B30 Datasheet HTML 1Page - EPCOS B84112-B-B30 Datasheet HTML 2Page - EPCOS B84112-B-B30 Datasheet HTML 3Page - EPCOS B84112-B-B30 Datasheet HTML 4Page - EPCOS B84112-B-B30 Datasheet HTML 5Page - EPCOS B84112-B-B30 Datasheet HTML 6Page - EPCOS B84112-B-B30 Datasheet HTML 7Page - EPCOS B84112-B-B30 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
148 03/01
2-Line Filters
B84112
SIFI-B Series
Circuit diagram
Technical data
Rated voltage VR
250 V~, 50/60 Hz
Rated current IR
Referred to 40
°C ambient temperature
Test voltage VP
1414 V–, 2 s (line/line)
2700 V–, 2 s (lines/case)
Leakage current lleak
< 0,5 mA at 230 V~, 50 Hz
Discharge resistors
The discharge resistors are rated such that one second
after having disconnected the device from the power
line, the voltage at the line connector should have
dropped to 34 V.
Climatic category
In accordance with EN 60068-1
25/085/21 (– 25
°C/+ 85 °C/21 days damp heat test)
Approvals
SSB0525-W
N
L
N’
L’
LINE
LOAD
EN 133221


Similar Part No. - B84112-B-B30

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84112B EPCOS-B84112B Datasheet
163Kb / 10P
   2-line filters SIFI-B for enhanced insertion loss Rated current 1 to 20 A
B84112B EPCOS-B84112B Datasheet
174Kb / 10P
   EMC filters
B84112B0000A010 EPCOS-B84112B0000A010 Datasheet
163Kb / 10P
   2-line filters SIFI-B for enhanced insertion loss Rated current 1 to 20 A
B84112B0000A010 EPCOS-B84112B0000A010 Datasheet
174Kb / 10P
   EMC filters
B84112B0000A010 EPCOS-B84112B0000A010 Datasheet
134Kb / 11P
   EMC Filters
More results

Similar Description - B84112-B-B30

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84773A0001A000 EPCOS-B84773A0001A000 Datasheet
195Kb / 11P
   2-line filters IEC inlet filters
B84771A0001A000 EPCOS-B84771A0001A000 Datasheet
241Kb / 16P
   2-line filters IEC inlet filters
B84776A0001A000 EPCOS-B84776A0001A000 Datasheet
194Kb / 12P
   2-line filters IEC inlet filters
logo
Panasonic Semiconductor
ELF11M010E PANASONIC-ELF11M010E Datasheet
40Kb / 1P
   Line Filters
logo
ice Components, Ins.
LFU16 ICE-LFU16_08 Datasheet
307Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051_15 Datasheet
106Kb / 1P
   LINE FILTERS
logo
Panasonic Semiconductor
ELF-15N005A PANASONIC-ELF-15N005A Datasheet
71Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051 Datasheet
110Kb / 1P
   Line Filters
3010131 FRONTIER-3010131 Datasheet
101Kb / 1P
   Line Filters
logo
Panasonic Semiconductor
ELF-18N016A PANASONIC-ELF-18N016A Datasheet
71Kb / 2P
   Line Filters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com