Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B59549A0135A020 Datasheet(PDF) 3 Page - EPCOS

Part # B59549A0135A020
Description  Motor Starting
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59549A0135A020 Datasheet(HTML) 3 Page - EPCOS

  B59549A0135A020 Datasheet HTML 1Page - EPCOS B59549A0135A020 Datasheet HTML 2Page - EPCOS B59549A0135A020 Datasheet HTML 3Page - EPCOS B59549A0135A020 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
156 10/02
Reliability data
Test1)
Standard
Test conditions
|
∆R25 /R25|
Switching test
at room temperature
IEC 60738-1
Vmax; RS
Room temperature
Number of cycles: 10000
< 25%
Life test at Vmax /Top
IEC 60738-1
Storage at Vmax /Top for
t : 1000 h
< 25%
Damp heat
IEC 60068-2-3
Storage at 40
°C
Relative humidity: 93 %
Duration: 56 days
< 20%
Rapid change
of temperature in air
IEC 60068-2-14,
Test Na
– 25
°C, 125 °C
Number of cycles: 5
t : 30 min
< 20%
Vibration
IEC 60068-2-6,
Test FC
f = 10– 55– 10 Hz
h = 0,75 mm (respectively 10 g)
t : 3 · 2 h
< 20%
Bump
IEC 60068-2-27
Pulse shape: half-sine
a : = 40 g
Pulse duration: 6 ms; 6 · 4000 pulses
< 20%
Climatic sequence
IEC 60068-2-30
Dry heat: T = 125
°C, t: 16 h
Damp heat first cycle
Cold: T = – 25
°C, t: 2 h
Damp heat 5 cycles
< 25%
1) All tests with PTC disk mounted in EPCOS housing
B59***
A 19*, A 314, A 5**
Metallized Disks
Motor Starting


Similar Part No. - B59549A0135A020

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59549A0135A020 EPCOS-B59549A0135A020 Datasheet
191Kb / 8P
   PTC thermistors for motor starting
B59549A0135A020 EPCOS-B59549A0135A020 Datasheet
185Kb / 8P
   PTC thermistors for motor starting
More results

Similar Description - B59549A0135A020

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13D3-CD60 SUNTAN-TS13D3-CD60_17 Datasheet
178Kb / 1P
   MOTOR STARTING CAPACITOR
TS11 SUNTAN-TS11 Datasheet
183Kb / 1P
   MOTOR STARTING CAPACITOR
logo
jb Capacitors Company
JSW JBCAPACITORS-JSW_16 Datasheet
252Kb / 1P
   Motor Starting Capacitor
logo
Suntan Capacitors
TS11 SUNTAN-TS11 Datasheet
183Kb / 1P
   MOTOR STARTING CAPACITOR
logo
EPCOS
B59506A0120A020 EPCOS-B59506A0120A020_12 Datasheet
58Kb / 9P
   PTC thermistors for motor starting
B59536A0135A020 EPCOS-B59536A0135A020 Datasheet
191Kb / 8P
   PTC thermistors for motor starting
B59506A0120A020 EPCOS-B59506A0120A020_09 Datasheet
195Kb / 9P
   PTC thermistors for motor starting
B59536A0135A020 EPCOS-B59536A0135A020_12 Datasheet
185Kb / 8P
   PTC thermistors for motor starting
logo
List of Unclassifed Man...
010C ETC2-010C Datasheet
865Kb / 2P
   Low starting threshold
013 ETC2-013 Datasheet
495Kb / 2P
   Low starting threshold
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com