Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B84112-B-L110 Datasheet(PDF) 7 Page - EPCOS

Part # B84112-B-L110
Description  2-Line Filters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84112-B-L110 Datasheet(HTML) 7 Page - EPCOS

  B84112-B-L110 Datasheet HTML 1Page - EPCOS B84112-B-L110 Datasheet HTML 2Page - EPCOS B84112-B-L110 Datasheet HTML 3Page - EPCOS B84112-B-L110 Datasheet HTML 4Page - EPCOS B84112-B-L110 Datasheet HTML 5Page - EPCOS B84112-B-L110 Datasheet HTML 6Page - EPCOS B84112-B-L110 Datasheet HTML 7Page - EPCOS B84112-B-L110 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
153 03/01
2-Line Filters
B84112
SIFI-B Series
Insertion loss (typical values at Z = 50
Ω)
unsymmetrical, adjacent branches terminated
common mode, all branches in parallel (asymmetrical)
differential mode (symmetrical)
B84112-B-*10
B84112-B-*20
B84112-B-*30
B84112-B-*60
B84112-B-*110
B84112-B-*120
SSB0249-Q
10 4
f
Hz
5
10
10 6
10 7
10 8
0
20
40
60
80
dB
100
α
e
SSB0250-T
10 4
f
Hz
5
10
10 6
10 7
10 8
0
20
40
60
80
dB
100
α
e
SSB0252-A
10 4
f
Hz
5
10
10 6
10 7
10 8
0
20
40
60
80
dB
100
α
e
SSB0251-2
10 4
f
Hz
5
10
10 6
10 7
10 8
0
20
40
60
80
dB
100
α
e


Similar Part No. - B84112-B-L110

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84112B EPCOS-B84112B Datasheet
163Kb / 10P
   2-line filters SIFI-B for enhanced insertion loss Rated current 1 to 20 A
B84112B EPCOS-B84112B Datasheet
174Kb / 10P
   EMC filters
B84112B0000A010 EPCOS-B84112B0000A010 Datasheet
163Kb / 10P
   2-line filters SIFI-B for enhanced insertion loss Rated current 1 to 20 A
B84112B0000A010 EPCOS-B84112B0000A010 Datasheet
174Kb / 10P
   EMC filters
B84112B0000A010 EPCOS-B84112B0000A010 Datasheet
134Kb / 11P
   EMC Filters
More results

Similar Description - B84112-B-L110

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84773A0001A000 EPCOS-B84773A0001A000 Datasheet
195Kb / 11P
   2-line filters IEC inlet filters
B84771A0001A000 EPCOS-B84771A0001A000 Datasheet
241Kb / 16P
   2-line filters IEC inlet filters
B84776A0001A000 EPCOS-B84776A0001A000 Datasheet
194Kb / 12P
   2-line filters IEC inlet filters
logo
Panasonic Semiconductor
ELF11M010E PANASONIC-ELF11M010E Datasheet
40Kb / 1P
   Line Filters
logo
ice Components, Ins.
LFU16 ICE-LFU16_08 Datasheet
307Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051_15 Datasheet
106Kb / 1P
   LINE FILTERS
logo
Panasonic Semiconductor
ELF-15N005A PANASONIC-ELF-15N005A Datasheet
71Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051 Datasheet
110Kb / 1P
   Line Filters
3010131 FRONTIER-3010131 Datasheet
101Kb / 1P
   Line Filters
logo
Panasonic Semiconductor
ELF-18N016A PANASONIC-ELF-18N016A Datasheet
71Kb / 2P
   Line Filters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com