Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90C241 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C241
Description  5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C241 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS90C241 Datasheet HTML 1Page - National Semiconductor (TI) DS90C241 Datasheet HTML 2Page - National Semiconductor (TI) DS90C241 Datasheet HTML 3Page - National Semiconductor (TI) DS90C241 Datasheet HTML 4Page - National Semiconductor (TI) DS90C241 Datasheet HTML 5Page - National Semiconductor (TI) DS90C241 Datasheet HTML 6Page - National Semiconductor (TI) DS90C241 Datasheet HTML 7Page - National Semiconductor (TI) DS90C241 Datasheet HTML 8Page - National Semiconductor (TI) DS90C241 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Serializer Timing Requirements for TCLK (Continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
JIT
TCLK Input Jitter
(Note 9)
33
ps
(RMS)
Serializer Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
LLHT
LVDS Low-to-High Transition Time
R
L = 100
Ω, (Figure 3)
C
L =10pFtoGND
VODSEL = L
0.6
ns
t
LHLT
LVDS High-to-Low Transition Time
0.6
ns
t
DIS
DIN (23:0) Setup to TCLK
R
L = 100
Ω,
C
L =10pFtoGND
(Note 8)
5ns
t
DIH
DIN (23:0) Hold from TCLK
5ns
t
HZD
DOUT ± HIGH to TRI-STATE Delay
R
L = 100
Ω,
C
L =10pFtoGND
(Figure 7) (Note 4)
15
ns
t
LZD
DOUT ± LOW to TRI-STATE Delay
15
ns
t
ZHD
DOUT ± TRI-STATE to HIGH Delay
200
ns
t
ZLD
DOUT ± TRI-STATE to LOW Delay
200
ns
t
PLD
Serializer PLL Lock Time
R
L = 100
Ω, (Figure 8)10
ms
t
SD
Serializer Delay
R
L = 100
Ω, (Figure 9)
VODSEL = L, TRFB = H
3.5T + 2.85
3.5T
+10
ns
R
L = 100
Ω, (Figure 9)
VODSEL = L, TRFB = L
3.5T + 2.85
3.5T
+10
ns
TxOUT_E_O
TxOUT_Eye_Opening
(respect to ideal)
5–35 MHz
(Figure 14)
(Notes 8, 9, 13)
0.75
UI
(Note 10)
Deserializer Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Pin/Freq.
Min
Typ
Max
Units
t
RCP
Receiver out Clock Period
t
RCP =tTCP
(Note 8)
RCLK
28.6
200
ns
t
RDC
RCLK Duty Cycle
RCLK
45
50
55
%
t
CLH
LVCMOS Low-to-High
Transition Time
C
L =8pF
(lumped load)
(Figure 4)
ROUT [23:0],
LOCK, RCLK
2.5
3.5
ns
t
CHL
LVCMOS High-to-Low
Transition Time
2.5
3.5
ns
t
ROS
ROUT (7:0) Setup Data to
RCLK (Group 1)
(Figure 11)
ROUT [7:0]
(0.40)*
t
RCP
(29/56)*t
RCP
ns
t
ROH
ROUT (7:0) Hold Data to
RCLK (Group 1)
(0.40)*
t
RCP
(27/56)*t
RCP
ns
t
ROS
ROUT (15:8) Setup Data to
RCLK (Group 2)
(Figure 11)
ROUT [15:8],
LOCK
(0.40)*
t
RCP
0.5*t
RCP
ns
t
ROH
ROUT (15:8) Hold Data to
RCLK (Group 2)
(0.40)*
t
RCP
0.5*t
RCP
ns
t
ROS
ROUT (23:16) Setup Data to
RCLK (Group 3)
(Figure 11)
ROUT [23:16]
(0.40)*
t
RCP
(27/56)*t
RCP
ns
t
ROH
ROUT (23:16) Hold Data to
RCLK (Group 3)
(0.40)*
t
RCP
(29/56)*t
RCP
ns
www.national.com
4


Similar Part No. - DS90C241

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C241 NSC-DS90C241 Datasheet
865Kb / 17P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS90C241 TI1-DS90C241 Datasheet
992Kb / 31P
[Old version datasheet]   5-MHz to 35-MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer
DS90C241-Q1 TI1-DS90C241-Q1 Datasheet
992Kb / 31P
[Old version datasheet]   5-MHz to 35-MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer
logo
National Semiconductor ...
DS90C241IVS NSC-DS90C241IVS Datasheet
865Kb / 17P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS90C241IVS NSC-DS90C241IVS Datasheet
1Mb / 26P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
More results

Similar Description - DS90C241

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C124 NSC-DS90C124 Datasheet
865Kb / 17P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS90C124 NSC-DS90C124_08 Datasheet
1Mb / 26P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS90UR241 NSC-DS90UR241 Datasheet
960Kb / 24P
   5-43 MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS90UR124 NSC-DS90UR124_08 Datasheet
1Mb / 30P
   5-43 MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R103 NSC-DS99R103 Datasheet
890Kb / 22P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R105 NSC-DS99R105 Datasheet
922Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS99R103 TI1-DS99R103_14 Datasheet
1Mb / 30P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
National Semiconductor ...
DS99R101 NSC-DS99R101 Datasheet
901Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R103_0710 NSC-DS99R103_0710 Datasheet
924Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS99R105 TI1-DS99R105_14 Datasheet
1,019Kb / 30P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com