Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B37627K9102K070 Datasheet(PDF) 7 Page - EPCOS

Part # B37627K9102K070
Description  Multilayer Ceramic Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37627K9102K070 Datasheet(HTML) 7 Page - EPCOS

  B37627K9102K070 Datasheet HTML 1Page - EPCOS B37627K9102K070 Datasheet HTML 2Page - EPCOS B37627K9102K070 Datasheet HTML 3Page - EPCOS B37627K9102K070 Datasheet HTML 4Page - EPCOS B37627K9102K070 Datasheet HTML 5Page - EPCOS B37627K9102K070 Datasheet HTML 6Page - EPCOS B37627K9102K070 Datasheet HTML 7Page - EPCOS B37627K9102K070 Datasheet HTML 8Page - EPCOS B37627K9102K070 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Multilayer Ceramic Capacitors
148 10/02
HC1
Typical characteristics
Capacitance change
DC/C25 versus
temperature T
Capacitance change
DC/C0 versus
superimposed DC voltage V
Impedance |Z | versus
frequency f
Dissipation factor tan
d versus
temperature T
KKE0363-3
25
T
%
C
∆C
20
_
˚C
16
_
12
_
8
_
4
_
0
4
8
12
20
10
30
50
70
90
30
__10
KKE0460-J
0
V
V
0
0,1
0,2
0,3
0,5
%
C
∆C
0
0,1
_
_0,2
_0,3
_0,4
_0,5
2
4
6
8
10
12
14
16
KKE0463-9
f
MHz
10 0
10 1
10 2
4,7 nF
0
10
Z
_
10
1
10 1
10 2
10 3
10 3
10 nF
470 pF
KKE0364-B
tan
T
δ
5
10
_
10
4
_
10
3
_
10
2
_
30
_
10
_
30
10
50
˚C
70
90
HC1


Similar Part No. - B37627K9102K070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3762 EPCOS-B3762 Datasheet
84Kb / 6P
   SAW Components Low-loss Filter 868,30 MHz
B3762 EPCOS-B3762 Datasheet
89Kb / 10P
   SAW filter Short range devices
B3762 EPCOS-B3762_1 Datasheet
89Kb / 10P
   SAW filter Short range devices
More results

Similar Description - B37627K9102K070

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com