Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B84114-D-L20 Datasheet(PDF) 2 Page - EPCOS

Part # B84114-D-L20
Description  SIFI-D for high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 10 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84114-D-L20 Datasheet(HTML) 2 Page - EPCOS

  B84114-D-L20 Datasheet HTML 1Page - EPCOS B84114-D-L20 Datasheet HTML 2Page - EPCOS B84114-D-L20 Datasheet HTML 3Page - EPCOS B84114-D-L20 Datasheet HTML 4Page - EPCOS B84114-D-L20 Datasheet HTML 5Page - EPCOS B84114-D-L20 Datasheet HTML 6Page - EPCOS B84114-D-L20 Datasheet HTML 7Page - EPCOS B84114-D-L20 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
161 03/01
2-Line Filters
B84114
SIFI-D Series
Circuit diagram
Technical data
Rated voltage VR
250 V~, 50/60 Hz
Rated current IR
Referred to 40
°C ambient temperature
Test voltage VP
1414 V–, 2 s (line/line)
2700 V–, 2 s (lines/case)
Leakage current lleak
< 0,5 mA at 230 V~, 50 Hz
Discharge resistors
The discharge resistors are rated such that one second
after having disconnected the device from the power
line, the voltage at the line connector should have
dropped to 34 V.
Climatic category
In accordance with EN 60068-1
25/085/21 (– 25
°C/+ 85 °C/21 days damp heat test)
Approvals
SSB0238-A
N
L
N’
L’
LINE
LOAD
EN 133221


Similar Part No. - B84114-D-L20

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84114D EPCOS-B84114D Datasheet
148Kb / 10P
   SIFI-D for high insertion loss
B84114D EPCOS-B84114D Datasheet
159Kb / 10P
   EMC filters
B84114D0000A010 EPCOS-B84114D0000A010 Datasheet
148Kb / 10P
   SIFI-D for high insertion loss
B84114D0000A010 EPCOS-B84114D0000A010 Datasheet
159Kb / 10P
   EMC filters
B84114D0000A020 EPCOS-B84114D0000A020 Datasheet
148Kb / 10P
   SIFI-D for high insertion loss
More results

Similar Description - B84114-D-L20

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84115-E-A30 EPCOS-B84115-E-A30 Datasheet
155Kb / 7P
   SIFI-E for high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
B84111-A-A10 EPCOS-B84111-A-A10 Datasheet
135Kb / 7P
   SIFI-A for normal insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A
B84113-C-A30 EPCOS-B84113-C-A30 Datasheet
131Kb / 7P
   SIFI-C for very high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
B84142-A10-R EPCOS-B84142-A10-R Datasheet
220Kb / 7P
   Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 10 to 60 A
B84102-K EPCOS-B84102-K Datasheet
101Kb / 5P
   Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1 to 6 A
B84103 EPCOS-B84103 Datasheet
156Kb / 5P
   Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1 to 6 A
B84112B EPCOS-B84112B Datasheet
163Kb / 10P
   2-line filters SIFI-B for enhanced insertion loss Rated current 1 to 20 A
B84110-A EPCOS-B84110-A Datasheet
104Kb / 5P
   Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 0,5 A to 6 A
B84142-B8-R EPCOS-B84142-B8-R Datasheet
153Kb / 5P
   Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 8 A to 25 A
B84110-B EPCOS-B84110-B Datasheet
94Kb / 4P
   Power line filter for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1,4 A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com