Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43750A5138M000 Datasheet(PDF) 7 Page - EPCOS

Part # B43750A5138M000
Description  Capacitors with Screw Terminals
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43750A5138M000 Datasheet(HTML) 7 Page - EPCOS

  B43750A5138M000 Datasheet HTML 1Page - EPCOS B43750A5138M000 Datasheet HTML 2Page - EPCOS B43750A5138M000 Datasheet HTML 3Page - EPCOS B43750A5138M000 Datasheet HTML 4Page - EPCOS B43750A5138M000 Datasheet HTML 5Page - EPCOS B43750A5138M000 Datasheet HTML 6Page - EPCOS B43750A5138M000 Datasheet HTML 7Page - EPCOS B43750A5138M000 Datasheet HTML 8Page - EPCOS B43750A5138M000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
164 10/02
Max. Ripple Current 105 °C
B43750 / B43770
Useful life
depending on temperature TA,TB,TT+B under ripple current operating conditions1)
Depending on the application, interpret the graph as follows:
1. Natural cooling
Use rated current I~R and ambient temperature TA.
2. Cooling of base
Use rated current I~R (B) and temperature of capacitor base TB.
3. Cooling of terminals and base
Use rated current I~R (T+B) and temperature of capacitor base TT+B.
Ensure that the temperature of the cooled terminals is lower than that of the case base.
Due to the current load capability of the contact elements, the following current limits must not be
exceeded, even if the frequency and temperature factors have been taken into account:
Capacitor diameter
Capacitor base cooling
Terminal and capacitor base cooling
64,3 mm
62 A
75 A
76,9 mm
80 A
100 A
91,0 mm
80 A
100 A
0,5
0
40
50
60
70
3,5
2,0
1,5
1,0
2,5
3,0
5,0
A
80
T ; B T+B
TT
;
90
100
110
KAL0566-3
C
B43750/770
Ι
R
R
Ι~
Ι~
Ι~
;
(B; T+B)
~
1) Refer to page 40 for an explanation on how to interpret the useful life graphs.


Similar Part No. - B43750A5138M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43750A5138M000 EPCOS-B43750A5138M000 Datasheet
430Kb / 16P
   Aluminum electrolytic capacitors
More results

Similar Description - B43750A5138M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43560 EPCOS-B43560 Datasheet
507Kb / 14P
   Capacitors with screw terminals
logo
TDK Electronics
B43700 TDK-B43700_16 Datasheet
647Kb / 17P
   Capacitors with screw terminals
B43701 TDK-B43701_16 Datasheet
617Kb / 17P
   Capacitors with screw terminals
B43712 TDK-B43712_16 Datasheet
672Kb / 21P
   Capacitors with screw terminals
B41456B4100M600 TDK-B41456B4100M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M600 TDK-B41456B5330M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M603 TDK-B41456B5330M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B5470M600 TDK-B41456B5470M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B7220M603 TDK-B41456B7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B7689M600 TDK-B41456B7689M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41560A7220M603 TDK-B41560A7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com