Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43586A0228Q000 Datasheet(PDF) 6 Page - EPCOS

Part # B43586A0228Q000
Description  Long-life grade capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43586A0228Q000 Datasheet(HTML) 6 Page - EPCOS

  B43586A0228Q000 Datasheet HTML 1Page - EPCOS B43586A0228Q000 Datasheet HTML 2Page - EPCOS B43586A0228Q000 Datasheet HTML 3Page - EPCOS B43586A0228Q000 Datasheet HTML 4Page - EPCOS B43586A0228Q000 Datasheet HTML 5Page - EPCOS B43586A0228Q000 Datasheet HTML 6Page - EPCOS B43586A0228Q000 Datasheet HTML 7Page - EPCOS B43586A0228Q000 Datasheet HTML 8Page - EPCOS B43586A0228Q000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
147 10/02
KAL0567-B
Extended Useful Life 85 °C
B43566 / B43586
Technical data and ordering codes
UR
VDC
CR
100 Hz
20 °C
µF
Case
dimensions
d
× l
mm
ESRmax
100 Hz
20 °C
m
Zmax
10 kHz
20 °C
m
I~max
100 Hz
40 °C
A
I~max
100 Hz
85 °C
A
I~R
100 Hz
85 °C
A
I~R(B)
100 Hz
85 °C
A
Ordering code1)
350
680
51,6
× 80,7 120
100
13
5,0
4,4
8,0
B435*6A4687Q000
1 000
51,6
× 80,7 84
73
16
6,3
5,6
12
B435*6B4108Q000
1 500
51,6
× 105,7 59
52
21
8,3
7,3
14
B435*6B4158Q000
2 200
64,3
× 105,7 43
39
28
11
9,4
17
B435*6A4228Q0002)
3 300
76,9
× 105,7 32
29
33
13
12
21
B435*6A4338Q0002)
4 700
76,9
× 143,2 25
23
44
17
15
27
B435*6A4478Q0002)
6 000
76,9
× 220,7 22
21
50
20
18
25
B435*6B4608Q0002)
6 000
91,0
× 144,5 23
22
51
20
18
32
B435*6J4608Q0002)
6 800
76,9
× 220,7 20
19
50
22
19
28
B435*6B4688Q0002)
400
470
51,6
× 80,7 325
290
10
4,0
3,5
6,2
B435*6A0477Q000
680
51,6
× 80,7 225
200
13
5,1
4,5
9,0
B435*6A0687Q000
1 000
51,6
× 105,7 160
140
17
6,6
5,8
11
B435*6A0108Q000
1 500
64,3
× 105,7 100
92
22
8,5
7,5
13
B435*6A0158Q0002)
2 200
76,9
× 105,7 83
65
29
11
9,9
19
B435*6A0228Q0002)
3 300
76,9
× 143,2 58
47
38
15
13
23
B435*6A0338Q0002)
4 700
76,9
× 220,7 43
40
50
19
17
24
B435*6A0478Q0002)
4 700
91,0
× 144,5 38
40
53
21
18
34
B435*6J0478Q0002)
6 000
76,9
× 220,7 35
33
50
24
21
31
B435*6A0608Q0002)
450
470
51,6
× 80,7 350
310
11
4,2
3,7
7,4
B435*6A5477Q000
680
51,6
× 105,7 250
220
14
5,4
4,8
8,6
B435*6A5687Q000
1 000
64,3
× 105,7 190
173
17
6,7
6,0
11
B435*6A5108Q0002)
1 500
76,9
× 105,7 125
120
24
9,3
8,2
16
B435*6A5158Q0002)
2 200
76,9
× 143,2 95
90
30
12
10
17
B435*6A5228Q0002)
2 700
91,0
× 144,5 75
83
36
14
12
21
B435*6A5278Q0002)
3 300
76,9
× 220,7 70
67
40
15
14
19
B435*6A5338Q0002)
1) * “6” = for capacitors with ring clip/clamp mounting
“8” = for capacitors with threaded stud
2) For 2-pad solution (types without threaded stud) and for low-inductance design, see page 145.


Similar Part No. - B43586A0228Q000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43580 EPCOS-B43580 Datasheet
180Kb / 9P
   Capacitors with Screw Terminals
B43580A4109M000 EPCOS-B43580A4109M000 Datasheet
180Kb / 9P
   Capacitors with Screw Terminals
B43580A4159M000 EPCOS-B43580A4159M000 Datasheet
180Kb / 9P
   Capacitors with Screw Terminals
B43580A4278M000 EPCOS-B43580A4278M000 Datasheet
180Kb / 9P
   Capacitors with Screw Terminals
B43580A4398M000 EPCOS-B43580A4398M000 Datasheet
180Kb / 9P
   Capacitors with Screw Terminals
More results

Similar Description - B43586A0228Q000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41896 EPCOS-B41896 Datasheet
794Kb / 32P
   Long-life grade capacitors
B41868 EPCOS-B41868 Datasheet
645Kb / 24P
   Long-life grade capacitors
B41888 EPCOS-B41888 Datasheet
717Kb / 27P
   Long-life grade capacitors Very low impedance
logo
Cornell Dubilier Electr...
520C CDE-520C Datasheet
357Kb / 7P
   Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
550C CDE-550C Datasheet
390Kb / 7P
   Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
550283U6R3AK2B CDE-550283U6R3AK2B Datasheet
399Kb / 8P
   High Ripple, Long Life, Computer Grade
300 CDE-300 Datasheet
487Kb / 11P
   Long-Life, Switching Power Grade Radial
550 CDE-550_17 Datasheet
454Kb / 8P
   High Ripple, Long Life, Computer Grade
logo
Vishay Siliconix
116RLL VISHAY-116RLL_08 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
116RLL VISHAY-116RLL_13 Datasheet
107Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 26-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com