Electronic Components Datasheet Search |
|
83D1A-A16-K08L Datasheet(PDF) 2 Page - Bourns Electronic Solutions |
|
83D1A-A16-K08L Datasheet(HTML) 2 Page - Bourns Electronic Solutions |
2 / 4 page Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. Resistance Resolution (Ohms) (Nom.) (%) 200 .048 500 .037 1 K .032 2 K .031 5 K .023 10 K .020 20 K .015 50 K .012 100 K .010 Wirewound Resolution Table 37.03 ± .71 (1.458 ± .028) Dual Section Model 83 PC Pins 7.62 ± .25 (.30 ± .01) Note: The Models 83/84 dimensions for dual section assembly are for either single or dual concentric shaft styles. Dual Section Model 84 Solder Lugs 37.03 ± .71 (1.458 ± .028) 7.62 ± .25 (.30 ± .01) Dimensional Drawings DIMENSIONS ARE: MM (INCHES) 83/84 - 5/8 ” Square 10-Turn |
Similar Description - 83D1A-A16-K08L |