Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B44030J0025B Datasheet(PDF) 9 Page - EPCOS

Part # B44030J0025B
Description  Accessories for capacitors with mounting stud on capacitor base
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B44030J0025B Datasheet(HTML) 9 Page - EPCOS

Back Button B44030J0025B Datasheet HTML 2Page - EPCOS B44030J0025B Datasheet HTML 3Page - EPCOS B44030J0025B Datasheet HTML 4Page - EPCOS B44030J0025B Datasheet HTML 5Page - EPCOS B44030J0025B Datasheet HTML 6Page - EPCOS B44030J0025B Datasheet HTML 7Page - EPCOS B44030J0025B Datasheet HTML 8Page - EPCOS B44030J0025B Datasheet HTML 9Page - EPCOS B44030J0025B Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
174 10/02
KAL0567 B
Mounting set (clamping rings)
This mounting set offers following advantages:
– Protects the capacitor against tilt
– Fits for different capacitor length
– Protects the capacitor terminals from mechanical stress
– Electrically insulated clamping material
Dimensional drawing
KAL0499-8
ø101
ø90
ø95,5
105
120
ø75
ø86
ø83
Mounting base plate
Clamping ring
ø min.
KAL0499-8
Dimensions and ordering codes
Capacitor
diameter
d N
min
mm
Ordering code
75 mm
84
B44030A0375B
90 mm
96,5
B44030A0390B
Accessories
B44030


Similar Part No. - B44030J0025B

ManufacturerPart #DatasheetDescription
logo
EPCOS
B44030J0036B000 EPCOS-B44030J0036B000 Datasheet
444Kb / 14P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B44030J0051B000 EPCOS-B44030J0051B000 Datasheet
444Kb / 14P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B44030J0064B000 EPCOS-B44030J0064B000 Datasheet
444Kb / 14P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B44030J0075B000 EPCOS-B44030J0075B000 Datasheet
444Kb / 14P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B44030J0090B000 EPCOS-B44030J0090B000 Datasheet
444Kb / 14P
   Aluminum electrolytic capacitors Capacitors with screw terminals
More results

Similar Description - B44030J0025B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TH17 CDE-TH17 Datasheet
104Kb / 1P
   Motor Start Capacitor Mounting Hardware and Accessories
logo
Schurter Inc.
0098.0043 SCHURTER-0098.0043 Datasheet
175Kb / 2P
   Mounting accessories for fuse holder
04.10.2021
logo
Mean Well Enterprises C...
MHS027 MEANWELL-MHS027 Datasheet
38Kb / 1P
   Mounting Accessories
logo
Schurter Inc.
NUTFORFUSEHOLDER SCHURTER-NUTFORFUSEHOLDER Datasheet
175Kb / 2P
   Mounting accessories for fuse holder
04.10.2021
NUTFORFUSEHOLDER SCHURTER-NUTFORFUSEHOLDER_V01 Datasheet
175Kb / 2P
   Mounting accessories for fuse holder
04.01.2022
logo
Mean Well Enterprises C...
MHS025 MEANWELL-MHS025 Datasheet
30Kb / 1P
   Mounting Accessories
MHS012 MEANWELL-MHS012 Datasheet
57Kb / 1P
   Mounting Accessories
DRP-04 MEANWELL-DRP-04 Datasheet
37Kb / 1P
   Mounting Accessories
DRP-02 MEANWELL-DRP-02 Datasheet
38Kb / 1P
   Mounting Accessories
logo
PHOENIX CONTACT
2700155 PHOENIX-2700155 Datasheet
51Kb / 3P
   Outlet box with magnetic base for base mounting, black
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com