Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CU4032K40G2 Datasheet(PDF) 6 Page - EPCOS

Part # CU4032K40G2
Description  Monolithic; Standard Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CU4032K40G2 Datasheet(HTML) 6 Page - EPCOS

  CU4032K40G2 Datasheet HTML 1Page - EPCOS CU4032K40G2 Datasheet HTML 2Page - EPCOS CU4032K40G2 Datasheet HTML 3Page - EPCOS CU4032K40G2 Datasheet HTML 4Page - EPCOS CU4032K40G2 Datasheet HTML 5Page - EPCOS CU4032K40G2 Datasheet HTML 6Page - EPCOS CU4032K40G2 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
148 04/02
Dimensions
Termination: tinned copper alloy
Type
I
mm
b
mm
h
mm
SIOV-CU3225K11…175
8,0
± 0,3
6,3
± 0,3
3,2
± 0,3
SIOV-CU3225K230…300
8,0
± 0,3
6,3
± 0,3
4,5
± 0,3
SIOV-CU4032K11…175
10,2
± 0,3
8,0
± 0,3
3,2
± 0,3
SIOV-CU4032K230…460
10,2
± 0,3
8,0
± 0,3
4,5
± 0,3
Recommended solder pad layout
Type
A
mm
B
mm
C
mm
D
mm
SIOV-CU3225K11…175
3,5
2,8
4,5
10,1
SIOV-CU3225K230…300
3,5
2,8
4,5
10,1
SIOV-CU4032K11…175
3,5
2,8
6,5
12,1
SIOV-CU4032K230…460
3,5
2,8
6,5
12,1
VAR0392-L
1,5±0,3
b
3±0,3
Weight:
CU3225: approx. 0,5 g
CU4032: approx. 0,8 g
VAR0391-D
B
B
C
D
Monolithic; Standard Series
SMD Varistors


Similar Part No. - CU4032K40G2

ManufacturerPart #DatasheetDescription
logo
EPCOS
CU4032K40G2 EPCOS-CU4032K40G2 Datasheet
846Kb / 33P
   Ceramic transient voltage suppressors SMD disk varistors standard series
More results

Similar Description - CU4032K40G2

ManufacturerPart #DatasheetDescription
logo
Wolfgang Knap
UM1FAMILY-CAT5S49 WK-UM1FAMILY-CAT5S49 Datasheet
855Kb / 1P
   STANDARD MONOLITHIC CRYSTAL FILTERS
logo
Murata Manufacturing Co...
GA342A1XGD820JW31 MURATA-GA342A1XGD820JW31 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342D1XGD220JY02 MURATA-GA342D1XGD220JY02 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342A1XGF330JW31 MURATA-GA342A1XGF330JW31 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342A1XGD330JW31 MURATA-GA342A1XGD330JW31 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342A1XGF390JW31 MURATA-GA342A1XGF390JW31 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA343QR7GD182KW01 MURATA-GA343QR7GD182KW01 Datasheet
713Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA355QR7GF182KW01 MURATA-GA355QR7GF182KW01 Datasheet
714Kb / 1P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA355ER7GB473KW01 MURATA-GA355ER7GB473KW01 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342QR7GD471KW01 MURATA-GA342QR7GD471KW01 Datasheet
713Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com