Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78C438C Datasheet(PDF) 10 Page - Winbond

Part # W78C438C
Description  8-BIT MICROCONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78C438C Datasheet(HTML) 10 Page - Winbond

Back Button W78C438C Datasheet HTML 6Page - Winbond W78C438C Datasheet HTML 7Page - Winbond W78C438C Datasheet HTML 8Page - Winbond W78C438C Datasheet HTML 9Page - Winbond W78C438C Datasheet HTML 10Page - Winbond W78C438C Datasheet HTML 11Page - Winbond W78C438C Datasheet HTML 12Page - Winbond W78C438C Datasheet HTML 13Page - Winbond W78C438C Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
W78C438C
- 10 -
BIT
ADDR.
NAME
FUNCTION
7
0C7H
PX3
High/low priority level for INT3 is specified when this bit is set/cleared by
software.
6
0C6H
EX3
Enable/disable interrupt from INT3 when this bit is set/cleared by software.
5
0C5H
IE3
If IT3 is "1," IE3 is set/cleared automatically by hardware when interrupt is
detected/serviced.
4
0C4H
IT3
INT3
is falling-edge/low-level triggered when this bit is set/cleared by
software.
3
0C3H
PX2
High/low priority level for INT2 is specified when this bit is set/cleared by
software.
2
0C2H
EX2
Enable/disable interrupt from INT2 when this bit is set/cleared by software.
1
0C1H
IE2
If IT2 is "1," IE2 is set/cleared automatically by hardware when interrupt is
detected/serviced.
0
0C0H
IT2
INT2
is falling-edge/low-level triggered when this bit is set/cleared by
software.
Table 2. Functions of XICON Register
INTERRUPT SOURCE
VECTOR ADDRESS
PRIORITY SEQUENCE
External Interrupt 0
03H
0 (Highest)
Timer/Counter 0
0BH
1
External Interrupt 1
13H
2
Timer/Counter 1
1BH
3
Serial Port
23H
4
Timer/Counter 2
2BH
5
External Interrupt 2
33H
6
External Interrupt 3
3BH
7 (Lowest)
Table 3. Priority of Interrupts


Similar Part No. - W78C438C

ManufacturerPart #DatasheetDescription
logo
Winbond
W78C438C WINBOND-W78C438C Datasheet
147Kb / 16P
   8-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
W78C438C ETC2-W78C438C Datasheet
363Kb / 20P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W78C438C NUVOTON-W78C438C Datasheet
363Kb / 20P
   8-BIT MICROCONTROLLER
W78C438C40FL NUVOTON-W78C438C40FL Datasheet
363Kb / 20P
   8-BIT MICROCONTROLLER
logo
Winbond
W78C438CF-24 WINBOND-W78C438CF-24 Datasheet
147Kb / 16P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78C438C

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com