Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CU3225K50G2 Datasheet(PDF) 2 Page - EPCOS

Part # CU3225K50G2
Description  Monolithic; Standard Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CU3225K50G2 Datasheet(HTML) 2 Page - EPCOS

  CU3225K50G2 Datasheet HTML 1Page - EPCOS CU3225K50G2 Datasheet HTML 2Page - EPCOS CU3225K50G2 Datasheet HTML 3Page - EPCOS CU3225K50G2 Datasheet HTML 4Page - EPCOS CU3225K50G2 Datasheet HTML 5Page - EPCOS CU3225K50G2 Datasheet HTML 6Page - EPCOS CU3225K50G2 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
144 04/02
Maximum ratings (TA = 85 °C)
Type
SIOV-
Ordering code
VRMS
V
VDC
V
imax
8/20
ms
A
Wmax
(2 ms)
J
Pmax
W
CU3225K11G2
B72650M0110K072
11
14
100
0,3
0,01
CU4032K11G2
B72660M0110K072
11
14
250
0,8
0,02
CU3225K14G2
B72650M0140K072
14
18
100
0,4
0,01
CU4032K14G2
B72660M0140K072
14
18
250
0,9
0,02
CU3225K17G2
B72650M0170K072
17
22
100
0,5
0,01
CU4032K17G2
B72660M0170K072
17
22
250
1,1
0,02
CU3225K20G2
B72650M0200K072
20
26
100
0,6
0,01
CU4032K20G2
B72660M0200K072
20
26
250
1,3
0,02
CU3225K25G2
B72650M0250K072
25
31
100
0,7
0,01
CU4032K25G2
B72660M0250K072
25
31
250
1,6
0,02
CU3225K30G2
B72650M0300K072
30
38
100
0,9
0,01
CU4032K30G2
B72660M0300K072
30
38
250
2,0
0,02
CU3225K35G2
B72650M0350K072
35
45
100
1,1
0,01
CU4032K35G2
B72660M0350K072
35
45
250
2,5
0,02
CU3225K40G2
B72650M0400K072
40
56
100
1,3
0,01
CU4032K40G2
B72660M0400K072
40
56
250
3,0
0,02
CU3225K50G2
B72650M0500K072
50
65
400
1,8
0,10
CU4032K50G2
B72660M0500K072
50
65
1200
4,2
0,25
CU3225K60G2
B72650M0600K072
60
85
400
2,2
0,10
CU4032K60G2
B72660M0600K072
60
85
1200
4,8
0,25
CU3225K75G2
B72650M0750K072
75
100
400
2,5
0,10
CU4032K75G2
B72660M0750K072
75
100
1200
5,9
0,25
CU3225K95G2
B72650M0950K072
95
125
400
3,4
0,10
CU4032K95G2
B72660M0950K072
95
125
1200
7,6
0,25
CU3225K115G2 B72650M0111K072
115
150
400
3,6
0,10
CU4032K115G2 B72660M0111K072
115
150
1200
8,4
0,25
CU3225K130G2 B72650M0131K072
130
170
400
4,2
0,10
CU4032K130G2 B72660M0131K072
130
170
1200
9,5
0,25
CU3225K140G2 B72650M0141K072
140
180
400
4,5
0,10
CU4032K140G2 B72660M0141K072
140
180
1200
10,0
0,25
Monolithic; Standard Series
SMD Varistors


Similar Part No. - CU3225K50G2

ManufacturerPart #DatasheetDescription
logo
EPCOS
CU3225K50G2 EPCOS-CU3225K50G2 Datasheet
846Kb / 33P
   Ceramic transient voltage suppressors SMD disk varistors standard series
More results

Similar Description - CU3225K50G2

ManufacturerPart #DatasheetDescription
logo
Wolfgang Knap
UM1FAMILY-CAT5S49 WK-UM1FAMILY-CAT5S49 Datasheet
855Kb / 1P
   STANDARD MONOLITHIC CRYSTAL FILTERS
logo
Murata Manufacturing Co...
GA342A1XGD820JW31 MURATA-GA342A1XGD820JW31 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342D1XGD220JY02 MURATA-GA342D1XGD220JY02 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342A1XGF330JW31 MURATA-GA342A1XGF330JW31 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342A1XGD330JW31 MURATA-GA342A1XGD330JW31 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342A1XGF390JW31 MURATA-GA342A1XGF390JW31 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA343QR7GD182KW01 MURATA-GA343QR7GD182KW01 Datasheet
713Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA355QR7GF182KW01 MURATA-GA355QR7GF182KW01 Datasheet
714Kb / 1P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA355ER7GB473KW01 MURATA-GA355ER7GB473KW01 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342QR7GD471KW01 MURATA-GA342QR7GD471KW01 Datasheet
713Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com