Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2991T Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2991T
Description  Negative Low Dropout Adjustable Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2991T Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2991T Datasheet HTML 1Page - National Semiconductor (TI) LM2991T Datasheet HTML 2Page - National Semiconductor (TI) LM2991T Datasheet HTML 3Page - National Semiconductor (TI) LM2991T Datasheet HTML 4Page - National Semiconductor (TI) LM2991T Datasheet HTML 5Page - National Semiconductor (TI) LM2991T Datasheet HTML 6Page - National Semiconductor (TI) LM2991T Datasheet HTML 7Page - National Semiconductor (TI) LM2991T Datasheet HTML 8Page - National Semiconductor (TI) LM2991T Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Typical Performance Characteristics (Continued)
Application Hints
External Capacitors
Like any low-dropout regulator, external capacitors are re-
qired to stabilize the control loop. These capacitors must be
correctly selected for proper performance.
INPUT CAPACITOR: An input capacitor is reqiuired if the
regulator is located more than 6
″ from the input power supply
filter capacitor (or if no other input capaciotr is present).
A solid Tantalum or ceramic capacitor whose value is at least
1 µF is recommended, but an aluminum electrolytic (
≥ 10 µF)
may be used. However, aluminum electrolytics should not be
used in applications where the ambient temperature can
drop below 0˚C because their internal impedance increases
significantly at cold temperatures.
OUTPUT CAPACITOR: The output capacitor must meet the
ESR limits shown in the graph, which means it must have an
ESR between about 25 m
Ω and 10Ω.
A solid Tantalum (value
≥ 1 µF) is the best choice for the out-
put capacitor. An aluminum electrolytic (
≥ 10 µF) may be
used if the ESR is in the stable range.
It should be noted that the ESR of a typical aluminum elec-
trolytic will increase by as much as 50X as the temperature
is reduced from 25˚C down to −40˚C, while a Tantalum will
exhibit an ESR increase of about 2X over the same range.
For this and other reasons, aluminum electrolytics should
not be used in applications where low operating tempera-
tures occur.
The lower stable ESR limit of 25 m
Ω means that ceramic ca-
pacitors can not be used directly on the output of an LDO. A
ceramic (
≥ 2.2 µF) can be used on the output if some exter-
nal resistance is placed in series with it (1
Ω recommended).
Dielectric types X7R or X5R must be used if the temperature
range of the application varies more than ± 25˚ from ambient
to assure the amount of capacitance is sufficient.
CERAMIC BYPASS CAPACITORS:Many designers place
distributed ceramic capacitors whose value is in the range of
1000 pF to 0.1 µF at the power input pins of the IC’s across
a circuit board. These can cause reduced phase margin or
oscillations in LDO regulators.
The advent of multi-layer boards with dedicated power and
ground planes has removed the trace inductance that (previ-
ously) provided the necessary
″decoupling″ to shield the out-
put of the LDO from the effects of bypass capacitors.
These capacitors should be avoided if possible, and kept as
far far away from the LDO output as is practical.
Adjust Pin Current
DS011260-25
Low Voltage Behavior
DS011260-26
Maximum Power
Dissipation (TO-220)
DS011260-27
Maximum Power Dissipation
(TO-263) (See Note 3)
DS011260-28
www.national.com
5


Similar Part No. - LM2991T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2991T NSC-LM2991T Datasheet
338Kb / 11P
   Negative Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2991T TI-LM2991T Datasheet
1Mb / 19P
[Old version datasheet]   LM2991 Negative Low Dropout Adjustable Regulator
LM2991T TI-LM2991T Datasheet
1Mb / 19P
[Old version datasheet]   LM2991 Negative Low Dropout Adjustable Regulator
LM2991T TI1-LM2991T Datasheet
1Mb / 19P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
LM2991T-LB03 TI-LM2991T-LB03 Datasheet
1Mb / 19P
[Old version datasheet]   LM2991 Negative Low Dropout Adjustable Regulator
More results

Similar Description - LM2991T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2991 TI1-LM2991 Datasheet
1Mb / 19P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
LM2991QML TI1-LM2991QML Datasheet
414Kb / 15P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
logo
National Semiconductor ...
LM2991QML NSC-LM2991QML Datasheet
688Kb / 13P
   Negative Low Dropout Adjustable Regulator
LM2991 NSC-LM2991 Datasheet
338Kb / 11P
   Negative Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2991GW-QML TI-LM2991GW-QML Datasheet
391Kb / 15P
[Old version datasheet]   LM2991QML Negative Low Dropout Adjustable Regulator
LM2991S TI-LM2991S Datasheet
1Mb / 19P
[Old version datasheet]   LM2991 Negative Low Dropout Adjustable Regulator
LM2991 TI-LM2991_15 Datasheet
1Mb / 19P
[Old version datasheet]   LM2991 Negative Low Dropout Adjustable Regulator
LM2991S TI-LM2991S Datasheet
1Mb / 19P
[Old version datasheet]   LM2991 Negative Low Dropout Adjustable Regulator
logo
Intersil Corporation
ISL72991RH INTERSIL-ISL72991RH Datasheet
210Kb / 3P
   Radiation Hardened Negative Low Dropout Adjustable Voltage Regulator
logo
Renesas Technology Corp
ISL72991RH RENESAS-ISL72991RH Datasheet
562Kb / 15P
   Radiation Hardened Low Dropout Adjustable Negative Voltage Regulator
Jun 16, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com