Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S10K14 Datasheet(PDF) 5 Page - EPCOS

Part # S10K14
Description  Leaded Varistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

S10K14 Datasheet(HTML) 5 Page - EPCOS

  S10K14 Datasheet HTML 1Page - EPCOS S10K14 Datasheet HTML 2Page - EPCOS S10K14 Datasheet HTML 3Page - EPCOS S10K14 Datasheet HTML 4Page - EPCOS S10K14 Datasheet HTML 5Page - EPCOS S10K14 Datasheet HTML 6Page - EPCOS S10K14 Datasheet HTML 7Page - EPCOS S10K14 Datasheet HTML 8Page - EPCOS S10K14 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
163 04/02
S05K35
56
± 10
110
1,0
620
246
274
S07K35
56
± 10
110
2,5
1050
246
275
S10K35
56
± 10
110
5,0
2400
248
276
S14K35
56
± 10
110
10,0
4200
249
277
S20K35
56
± 10
110
20,0
8000
251
278
S05K40
68
± 10
135
1,0
520
246
274
S07K40
68
± 10
135
2,5
900
246
275
S10K40
68
± 10
135
5,0
2100
248
276
S14K40
68
± 10
135
10,0
3550
249
277
S20K40
68
± 10
135
20,0
6750
251
278
S05K50
82
± 10
135
5,0
300
247
274
S07K50
82
± 10
135
10,0
530
247
275
S10K50
82
± 10
135
25,0
950
248
276
S14K50
82
± 10
135
50,0
1800
250
277
S20K50
82
± 10
135
100,0
3800
251
278
S05K60
100
± 10
165
5,0
250
247
274
S07K60
100
± 10
165
10,0
480
247
275
S10K60
100
± 10
165
25,0
870
248
276
S14K60
100
± 10
165
50,0
1650
250
277
S20K60
100
± 10
165
100,0
3600
251
278
S05K75
120
± 10
200
5,0
210
247
274
S07K75
120
± 10
200
10,0
430
247
275
S10K75
120
± 10
200
25,0
720
248
276
S14K75
120
± 10
200
50,0
1370
250
277
S20K75
120
± 10
200
100,0
2900
251
278
S05K95
150
± 10
250
5,0
135
247
274
S07K95
150
± 10
250
10,0
260
247
275
S10K95
150
± 10
250
25,0
530
248
276
S14K95
150
± 10
250
50,0
870
250
277
S20K95
150
± 10
250
100,0
1830
251
278
Characteristics (TA = 25 °C)
Type
(untaped)
SIOV-
Vv
(1 mA)
V
DV
v
(1 mA)
%
Max. clamping voltage
Ctyp
(1 kHz)
pF
Derating
curve
Page
V/I char-
acteristic
Page
v
V
i
A
StandarD Series
Leaded Varistors


Similar Part No. - S10K14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S10K140 ETC1-S10K140 Datasheet
138Kb / 1P
   ELECTRICAL SPECIFICATIONS, CONT. DISC TYPES
logo
EPCOS
S10K140E2 EPCOS-S10K140E2 Datasheet
113Kb / 11P
   Leaded Varistors
logo
TDK Electronics
S10K140K11 TDK-S10K140K11 Datasheet
846Kb / 22P
   SIOV metal oxide varistors
September 2020 Version: 2
logo
EPCOS
S10K14AUTO EPCOS-S10K14AUTO Datasheet
87Kb / 5P
   Leaded Varistors Automotive Series
S10K14AUTOS5D1 EPCOS-S10K14AUTOS5D1 Datasheet
87Kb / 5P
   Leaded Varistors Automotive Series
More results

Similar Description - S10K14

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
B72214P2131K101 EPCOS-B72214P2131K101 Datasheet
361Kb / 15P
   Leaded varistors
logo
TDK Electronics
B72307S0231K101 TDK-B72307S0231K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0111K101 TDK-B72307S0111K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0211K101 TDK-B72307S0211K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0511K101 TDK-B72310S0511K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0321K101 TDK-B72310S0321K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0141K101 TDK-B72310S0141K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0131K101 TDK-B72310S0131K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0621K101 TDK-B72310S0621K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com