Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1771SMM Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1771SMM
Description  Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1771SMM Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM1771SMM Datasheet HTML 1Page - National Semiconductor (TI) LM1771SMM Datasheet HTML 2Page - National Semiconductor (TI) LM1771SMM Datasheet HTML 3Page - National Semiconductor (TI) LM1771SMM Datasheet HTML 4Page - National Semiconductor (TI) LM1771SMM Datasheet HTML 5Page - National Semiconductor (TI) LM1771SMM Datasheet HTML 6Page - National Semiconductor (TI) LM1771SMM Datasheet HTML 7Page - National Semiconductor (TI) LM1771SMM Datasheet HTML 8Page - National Semiconductor (TI) LM1771SMM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Connection Diagrams
Top View
Top View
20189002
6-Lead LLP (3mm x 3mm)
NS Package Number SDE06A
20189040
MSOP-8
NS Package Number MUA08A
Ordering Information
For 6-Lead LLP Package
Order Number
Timing Option
Package Type
NSC Package
Drawing
Top Mark
Supplied As
LM1771SSD
500ns
6-Lead LLP
SDE06A
1771S
1000 units Tape and Reel
LM1771SSDX
1771S
4500 units Tape and Reel
LM1771TSD
1000ns
1771T
1000 units Tape and Reel
LM1771TSDX
1771T
4500 units Tape and Reel
LM1771USD
2000ns
1771U
1000 units Tape and Reel
LM1771USDX
1771U
4500 units Tape and Reel
For 8-Lead MSOP Package
Order Number
Timing Option
Package Type
NSC Package
Drawing
Top Mark
Supplied As
LM1771SMM
500ns
MSOP-8
MUA08A
SNRB
1000 units Tape and Reel
LM1771SMMX
SNRB
3500 units Tape and Reel
LM1771TMM
1000ns
SNSB
1000 units Tape and Reel
LM1771TMMX
SNSB
3500 units Tape and Reel
LM1771UMM
2000ns
SNTB
1000 units Tape and Reel
LM1771UMMX
SNTB
3500 units Tape and Reel
Pin Descriptions
Pin #
Name
Function
LLP-6
MSOP-8
1
1
FB
Feedback Pin
2
2, 3
GND
Ground
3
4
HG
PFET Gate Drive
4
5
LG
NFET Gate Drive
5
6, 7
VIN
Input Supply
6
8
EN
Enable Pin
DAP
-
Die Attach Pad is internally connected to GND, but it cannot
be used as the primary GND connection
www.national.com
2


Similar Part No. - LM1771SMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1771SMM NSC-LM1771SMM Datasheet
1Mb / 18P
   Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
logo
Texas Instruments
LM1771SMM TI1-LM1771SMM Datasheet
1Mb / 31P
[Old version datasheet]   Low-Voltage Synchronous Buck Controller
LM1771SMM/NOPB TI1-LM1771SMM/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   Low-Voltage Synchronous Buck Controller
logo
National Semiconductor ...
LM1771SMMX NSC-LM1771SMMX Datasheet
1Mb / 18P
   Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
More results

Similar Description - LM1771SMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1771 NSC-LM1771 Datasheet
1Mb / 18P
   Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
logo
Texas Instruments
LM1771 TI-LM1771_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM1771 Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
logo
Renesas Technology Corp
ISL95872 RENESAS-ISL95872 Datasheet
830Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
logo
Intersil Corporation
ISL95873 INTERSIL-ISL95873 Datasheet
533Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
logo
Renesas Technology Corp
ISL95873 RENESAS-ISL95873 Datasheet
835Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
logo
Intersil Corporation
ISL95872 INTERSIL-ISL95872 Datasheet
617Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
January 26, 2012
logo
Microchip Technology
MIC24053 MICROCHIP-MIC24053 Datasheet
544Kb / 32P
   No External Compensation
11/07/16
MIC24051 MICROCHIP-MIC24051 Datasheet
1Mb / 34P
   No External Compensation
11/07/16
logo
Texas Instruments
LM2744 TI1-LM2744 Datasheet
1Mb / 32P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
LM2744 TI-LM2744_15 Datasheet
1Mb / 33P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com