Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82141+1394J000 Datasheet(PDF) 7 Page - EPCOS

Part # B82141+1394J000
Description  SBC choke (Small Bobbin Core) Rated current 55 to 725 mA Rated inductance 1 to 1000
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82141+1394J000 Datasheet(HTML) 7 Page - EPCOS

Back Button B82141+1394J000 Datasheet HTML 2Page - EPCOS B82141+1394J000 Datasheet HTML 3Page - EPCOS B82141+1394J000 Datasheet HTML 4Page - EPCOS B82141+1394J000 Datasheet HTML 5Page - EPCOS B82141+1394J000 Datasheet HTML 6Page - EPCOS B82141+1394J000 Datasheet HTML 7Page - EPCOS B82141+1394J000 Datasheet HTML 8Page - EPCOS B82141+1394J000 Datasheet HTML 9Page - EPCOS B82141+1394J000 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
11/05
RF chokes
B82141A
SBC series
Please read the Important notes at the end of
this document.
B82141B
Color coding of the inductance value
The inductance value and tolerance are encoded by means of colored bands in accordance with
IEC 60062. The basic unit is
μH.
1st band 1st digit of inductance value
2nd band 2nd digit of inductance value
3rd band multiplier, i.e. the power of ten, by which the first two digits have to be multiplied.
4th band tolerance of the inductance value.
Examples:
Color code
1st band =
1st digit
2nd band =
2nd digit
3rd band =
multiplier
4th band =
tolerance
Colorless
± 20 % (M)
Silver
× 10-2 μH =
0.01
μH
± 10 % (K)
Gold
× 10-1 μH =
0.1
μH
± 5 % (J)
Black
0
× 100 μH =
1,01
μH—
Brown
1
1
× 101 μH =
10,01
μH
Red
2
2
× 102 μH =
100,01
μH
± 2 % (G)
Orange
3
3
× 103 μH =
1000,01
μH
Yellow
4
4
× 104 μH = 10000,01 μH
Green
5
5
× 105 μH = 100000,01 μH
Special
designs
manufactured
to
customer specifica-
tions are identified
by a white tolerance
band.
Blue
6
6
Violet
7
7
Grey
8
8
White
9
9
1st band
2nd band
3rd band
4th band
Decoding
Yellow
Violet
Gold
Silver
47
×
0.1
μH ± 10 %
= 47
×
0.1
μH ± 10 % =
4.7
μH ± 10 %
Brown
Green
Red
Gold
15
× 100,0 μH ± 5%
=15
× 100,0 μH ± 5 % = 1500,0 μH ± 5%


Similar Part No. - B82141+1394J000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82141A EPCOS-B82141A Datasheet
191Kb / 9P
   Inductors
B82141A1102K000 EPCOS-B82141A1102K000 Datasheet
191Kb / 9P
   Inductors
logo
TDK Electronics
B82141A1102K000 TDK-B82141A1102K000 Datasheet
615Kb / 9P
   RF chokes, SBC series
logo
EPCOS
B82141A1103K000 EPCOS-B82141A1103K000 Datasheet
191Kb / 9P
   Inductors
logo
TDK Electronics
B82141A1103K000 TDK-B82141A1103K000 Datasheet
615Kb / 9P
   RF chokes, SBC series
More results

Similar Description - B82141+1394J000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82476-A1103-M EPCOS-B82476-A1103-M Datasheet
58Kb / 3P
   Rated inductance 10 to 1000 mH Rated current 300 to 3800 mA
B82478-A1103-M EPCOS-B82478-A1103-M_1 Datasheet
59Kb / 3P
   Rated inductance 10 to 1000 mH Rated current 400 to 3500 mA
B82432-A1102-K EPCOS-B82432-A1102-K Datasheet
102Kb / 6P
   Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 55 to 600 mA
B82432-T EPCOS-B82432-T Datasheet
56Kb / 2P
   Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 60 to 1300 mA
B82482-A3 EPCOS-B82482-A3 Datasheet
76Kb / 6P
   Rated impedance 60 to 1000 W Rated current 0,05 to 1 A
B82498-B3279-M EPCOS-B82498-B3279-M Datasheet
74Kb / 6P
   Size 0805 (EIA) and/or 2012 (IEC) Rated inductance 2,7 to 4700 nH Rated current 90 to 1000 mA
SIMID EPCOS-SIMID Datasheet
125Kb / 8P
   Size 0603 (EIA) and/or 1608 (IEC) Rated inductance 1 nH to 220 nH Rated current 110 mA to 1800 mA
B82422-H1102-K100 EPCOS-B82422-H1102-K100 Datasheet
68Kb / 5P
   High-current version Size 1210 (EIA) or 3225 (IEC) Rated inductance 1 to 100 mH Rated current 90 to 650 mA
B82442-H1102-K EPCOS-B82442-H1102-K Datasheet
105Kb / 6P
   High-current version Size 2220 (EIA) or 5650 (IEC) Rated inductance 1 to 10000 mH Rated current 35 to 2500 mA
B82412-A3100-M EPCOS-B82412-A3100-M Datasheet
107Kb / 6P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,010 to 10 mH Rated current 90 to 700 mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com