Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B37871R5220M021 Datasheet(PDF) 3 Page - EPCOS

Part # B37871R5220M021
Description  Multilayer Ceramic Capacitors Array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37871R5220M021 Datasheet(HTML) 3 Page - EPCOS

  B37871R5220M021 Datasheet HTML 1Page - EPCOS B37871R5220M021 Datasheet HTML 2Page - EPCOS B37871R5220M021 Datasheet HTML 3Page - EPCOS B37871R5220M021 Datasheet HTML 4Page - EPCOS B37871R5220M021 Datasheet HTML 5Page - EPCOS B37871R5220M021 Datasheet HTML 6Page - EPCOS B37871R5220M021 Datasheet HTML 7Page - EPCOS B37871R5220M021 Datasheet HTML 8Page - EPCOS B37871R5220M021 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
102 10/02
Multilayer Ceramic Capacitors
X7R
Capacitance tolerances
Dimensional drawing
2-fold array (case size 0405)
4-fold array (case sizes 0508 and 0612)
Dimensions (mm)
Tolerances to CECC 32101-801
Code letter
K
M
(standard)
Tolerance
±10% ±20%
2-fold array
4-fold array
Case size
(inch)
(mm)
0405
1012
0508
1220
0612
1632
l
1,37
± 0,15
2,0
± 0,2
3,2
± 0,2
b
1,0 +0 /–0,15
1,25
± 0,15
1,6
± 0,2
s
0,70 max.
0,85
± 0,1
0,85
± 0,1
k
0,36
± 0,1
0,3
± 0,1
0,4
± 0,15
e
0,64
0,5
± 0,1
0,8
± 0,15
u
0,2
± 0,1
0,2 +0,3 /–0,1
0,2 + 0,3 /– 0,1
KKE0272-V
kk
b
k
KKE0330-R
e
b
u
KKE0331-Z
e
k
u
b
e
X7R


Similar Part No. - B37871R5220M021

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37871R5220M021 EPCOS-B37871R5220M021 Datasheet
720Kb / 16P
   Multilayer ceramic capacitors
More results

Similar Description - B37871R5220M021

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-TVB1A104M PANASONIC-ECJ-TVB1A104M Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors(4 Array Type)
ECJ-RVC1H181K PANASONIC-ECJ-RVC1H181K Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVC1H220K PANASONIC-ECJ-RVC1H220K Datasheet
196Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVF1E104Z PANASONIC-ECJ-RVF1E104Z Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVB1H682M PANASONIC-ECJ-RVB1H682M Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVC1H470K PANASONIC-ECJ-RVC1H470K Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors(4 Array Type)
ECJ-RVB1C104M PANASONIC-ECJ-RVB1C104M Datasheet
196Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVC1H471K PANASONIC-ECJ-RVC1H471K Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors(4 Array Type)
ECJU PANASONIC-ECJU Datasheet
141Kb / 3P
   Multilayer Ceramic Capacitors (2 Array Type)
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com