Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41560A9109M000 Datasheet(PDF) 10 Page - EPCOS

Part # B41560A9109M000
Description  Capacitors with screw terminals
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41560A9109M000 Datasheet(HTML) 10 Page - EPCOS

Back Button B41560A9109M000 Datasheet HTML 6Page - EPCOS B41560A9109M000 Datasheet HTML 7Page - EPCOS B41560A9109M000 Datasheet HTML 8Page - EPCOS B41560A9109M000 Datasheet HTML 9Page - EPCOS B41560A9109M000 Datasheet HTML 10Page - EPCOS B41560A9109M000 Datasheet HTML 11Page - EPCOS B41560A9109M000 Datasheet HTML 12Page - EPCOS B41560A9109M000 Datasheet HTML 13Page - EPCOS B41560A9109M000 Datasheet HTML 14Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Frequency characteristics of ESR
Typical behavior
VR (V DC)
≤ 63
100
d = 35.7 mm
a
c
d = 51.6 mm
a
d
d = 64.3 mm
a
d
d = 76.9 mm
b
e
Impedance Z versus frequency f
Typical behavior at 20
°C
B41560, B41580
Compact
105
°C
Page 10 of 14
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41560A9109M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41560A9109M000 EPCOS-B41560A9109M000 Datasheet
462Kb / 17P
   Aluminum electrolytic capacitors
More results

Similar Description - B41560A9109M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43560 EPCOS-B43560 Datasheet
507Kb / 14P
   Capacitors with screw terminals
logo
TDK Electronics
B43700 TDK-B43700_16 Datasheet
647Kb / 17P
   Capacitors with screw terminals
B43701 TDK-B43701_16 Datasheet
617Kb / 17P
   Capacitors with screw terminals
B43712 TDK-B43712_16 Datasheet
672Kb / 21P
   Capacitors with screw terminals
B41456B4100M600 TDK-B41456B4100M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M600 TDK-B41456B5330M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M603 TDK-B41456B5330M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B5470M600 TDK-B41456B5470M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B7220M603 TDK-B41456B7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B7689M600 TDK-B41456B7689M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41560A7220M603 TDK-B41560A7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com