Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S07K95 Datasheet(PDF) 4 Page - EPCOS

Part # S07K95
Description  Leaded Varistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

S07K95 Datasheet(HTML) 4 Page - EPCOS

  S07K95 Datasheet HTML 1Page - EPCOS S07K95 Datasheet HTML 2Page - EPCOS S07K95 Datasheet HTML 3Page - EPCOS S07K95 Datasheet HTML 4Page - EPCOS S07K95 Datasheet HTML 5Page - EPCOS S07K95 Datasheet HTML 6Page - EPCOS S07K95 Datasheet HTML 7Page - EPCOS S07K95 Datasheet HTML 8Page - EPCOS S07K95 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
162 04/02
S05K35
B72205S0350K101
35
45
100
1,1
0,01
S07K35
B72207S0350K101
35
45
250
2,5
0,02
S10K35
B72210S0350K101
35
45
500
5,4
0,05
S14K35
B72214S0350K101
35
45
1000
10,0
0,10
S20K35
B72220S0350K101
35
45
2000
33,0
0,20
S05K40
B72205S0400K101
40
56
100
1,3
0,01
S07K40
B72207S0400K101
40
56
250
3,0
0,02
S10K40
B72210S0400K101
40
56
500
6,4
0,05
S14K40
B72214S0400K101
40
56
1000
13,0
0,10
S20K40
B72220S0400K101
40
56
2000
37,0
0,20
S05K50
B72205S0500K101
50
65
400
1,8
0,10
S07K50
B72207S0500K101
50
65
1200
4,2
0,25
S10K50
B72210S0500K101
50
65
2500
8,4
0,40
S14K50
B72214S0500K101
50
65
4500
15,0
0,60
S20K50
B72220S0500K101
50
65
6500
27,0
1,00
S05K60
B72205S0600K101
60
85
400
2,2
0,10
S07K60
B72207S0600K101
60
85
1200
4,8
0,25
S10K60
B72210S0600K101
60
85
2500
10,0
0,40
S14K60
B72214S0600K101
60
85
4500
17,0
0,60
S20K60
B72220S0600K101
60
85
6500
33,0
1,00
S05K75
B72205S0750K101
75
100
400
2,5
0,10
S07K75
B72207S0750K101
75
100
1200
5,9
0,25
S10K75
B72210S0750K101
75
100
2500
12,0
0,40
S14K75
B72214S0750K101
75
100
4500
20,0
0,60
S20K75
B72220S0750K101
75
100
6500
40,0
1,00
S05K95
B72205S0950K101
95
125
400
3,4
0,10
S07K95
B72207S0950K101
95
125
1200
7,6
0,25
S10K95
B72210S0950K101
95
125
2500
15,0
0,40
S14K95
B72214S0950K101
95
125
4500
25,0
0,60
S20K95
B72220S0950K101
95
125
6500
50,0
1,00
Maximum ratings (TA = 85 °C)
Type
(untaped)
SIOV-
Ordering code
VRMS
V
VDC
V
imax
8/20
ms
A
Wmax
(2 ms)
J
Pmax
W
StandarD Series
Leaded Varistors


Similar Part No. - S07K95

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S07K95 ETC1-S07K95 Datasheet
138Kb / 1P
   ELECTRICAL SPECIFICATIONS, CONT. DISC TYPES
More results

Similar Description - S07K95

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
B72214P2131K101 EPCOS-B72214P2131K101 Datasheet
361Kb / 15P
   Leaded varistors
logo
TDK Electronics
B72307S0231K101 TDK-B72307S0231K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0111K101 TDK-B72307S0111K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0211K101 TDK-B72307S0211K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0511K101 TDK-B72310S0511K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0321K101 TDK-B72310S0321K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0141K101 TDK-B72310S0141K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0131K101 TDK-B72310S0131K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0621K101 TDK-B72310S0621K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com