Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FU-48SDF-Y30M54F Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # FU-48SDF-Y30M54F
Description  1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FU-48SDF-Y30M54F Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  FU-48SDF-Y30M54F Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FU-48SDF-Y30M54F Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FU-48SDF-Y30M54F Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FU-48SDF-Y30M54F Datasheet HTML 4Page - Mitsubishi Electric Semiconductor FU-48SDF-Y30M54F Datasheet HTML 5Page - Mitsubishi Electric Semiconductor FU-48SDF-Y30M54F Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
JAN06 (3/6)
Mitsubishi Electric Corporation reserves the right to make changes to the products or information contained herein
without notice. No liability is assumed as a result of their use or application.
MITSUBISHI CONFIDENTIAL
MITSUBISHI (OPTICAL DEVICES)
FU-48SDF-x30M5yF
1.3
μm DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
THERMAL CHARACTERISTICS
(Tld=25
°C,Tc=-20~+65°C)
Limits
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermistor resistance
Rth
Tld=25°C
9.5
10
10.5
K
Ω
B constant of
thermistor resistance
B
-
-
3950
-
K
Cooling capacity
ΔT
Tc=65°C
40
-
-
K
Cooler current
Ipe
ΔT=40K
-
0.6
1
A
Cooler voltage
Vpe
ΔT=40K
-
1.2
2
V
OPTICAL FIBER SPECIFICATION
Parameter
Limits
Unit
Type
SM
-
Mode filed diameter
9.5
±1
μm
Cladding diameter
125
±2
μm
Jacket diameter
900 typ.
μm
Connector type
Pigtail without fiber, SC/PC, SC/APC, FC/APC
Please see ' FC/APC connector specification'
-
Fiber pintail length
Lfiber = 1000+200/-0
(Lfiber is defined in the outline drawing.)
mm
SC/PC
: 50dB min
-
Optical return loss to connector
SC/APC and FC/APC
: 60dB min
-
FC/APC CONNECTOR SPECIFICATION
(1) FC/APC CONNECTOR PARTS
Part
Maker
Part No.
FC connector
PF11A
Ferrule
SEIKOH
GIKEN
FF3A
(2) FERRULE ENDFACE GEOMETRY
Reference
Dimensions
EB
EO
50
μmMAX
rEP
5~12mm
EQ
±0.1
μm


Similar Part No. - FU-48SDF-Y30M54F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-48SDF-Y31M40F MITSUBISHI-FU-48SDF-Y31M40F Datasheet
173Kb / 6P
   1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-48SDF-Y31M41F MITSUBISHI-FU-48SDF-Y31M41F Datasheet
173Kb / 6P
   1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-48SDF-Y31M42F MITSUBISHI-FU-48SDF-Y31M42F Datasheet
173Kb / 6P
   1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-48SDF-Y31M43F MITSUBISHI-FU-48SDF-Y31M43F Datasheet
173Kb / 6P
   1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-48SDF-Y31M44F MITSUBISHI-FU-48SDF-Y31M44F Datasheet
173Kb / 6P
   1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
More results

Similar Description - FU-48SDF-Y30M54F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-436SDF-F1M1 MITSUBISHI-FU-436SDF-F1M1 Datasheet
50Kb / 3P
   1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-48SDF-X37M9YF MITSUBISHI-FU-48SDF-X37M9YF Datasheet
159Kb / 5P
   1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-48SDF-X31M4YF MITSUBISHI-FU-48SDF-X31M4YF Datasheet
173Kb / 6P
   1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-427SDF MITSUBISHI-FU-427SDF Datasheet
44Kb / 3P
   1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-427SHL-8M22 MITSUBISHI-FU-427SHL-8M22 Datasheet
37Kb / 3P
   1.3 um LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-423SLD-F3M31 MITSUBISHI-FU-423SLD-F3M31 Datasheet
41Kb / 3P
   1.3 um LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-427SLD-F1M54 MITSUBISHI-FU-427SLD-F1M54 Datasheet
47Kb / 3P
   1.3 um LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-427SLD-F1 MITSUBISHI-FU-427SLD-F1 Datasheet
45Kb / 3P
   1.3 um LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-68SDF-X9YYMZZF MITSUBISHI-FU-68SDF-X9YYMZZF Datasheet
171Kb / 6P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-68SDF-X3MYF MITSUBISHI-FU-68SDF-X3MYF Datasheet
156Kb / 5P
   1.5 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com