Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B78148S1684J000 Datasheet(PDF) 2 Page - EPCOS

Part # B78148S1684J000
Description  Chokes and inductors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B78148S1684J000 Datasheet(HTML) 2 Page - EPCOS

  B78148S1684J000 Datasheet HTML 1Page - EPCOS B78148S1684J000 Datasheet HTML 2Page - EPCOS B78148S1684J000 Datasheet HTML 3Page - EPCOS B78148S1684J000 Datasheet HTML 4Page - EPCOS B78148S1684J000 Datasheet HTML 5Page - EPCOS B78148S1684J000 Datasheet HTML 6Page - EPCOS B78148S1684J000 Datasheet HTML 7Page - EPCOS B78148S1684J000 Datasheet HTML 8Page - EPCOS B78148S1684J000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
11/05
RF chokes
BC series
B78108S
B78148S
Please read the Important notes at the end of
this document.
BC chokes (Bobbin Core)
Rated current 55 to 1200 mA
Rated inductance 1 to 4700
NH
Construction
Ferrite drum core
Winding: enamel copper wire
Flame-retardant lacquer coating
Features
Wide inductance range
Suitable for general-purpose application
Special versions available
RoHS-compatible (see page 6)
Applications
RF blocking and filtering
Decoupling and interference suppression
For antenna systems, automotive electronics,
energy-saving lamps, entertainment electronics
Terminals
Central axial leads, lead-free tinned
Radially bent to 5 mm lead spacing
Marking
Inductance indicated by color bands to IEC 60062
Delivery mode
Taped, Ammo and reel packing (see page 8)
Dimensional drawings
B78108S (axial leads, taped)
B78148S (central radial leads, taped)
IND0121-U
5
12,7
Minimum lead spacing 12.5 mm
Approx. weight 0.38 g
9.2 max.
11.5 max.
IND0429-B
6±0.5
65±1
lacquered/lackiert
(IEC 60294)
3.5 min.
53
Schematic drawing (details page 8)


Similar Part No. - B78148S1684J000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B78148S1682K000 TDK-B78148S1682K000 Datasheet
615Kb / 9P
   RF chokes, BC series
More results

Similar Description - B78148S1684J000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82143A EPCOS-B82143A Datasheet
199Kb / 9P
   Chokes and inductors
B82111B EPCOS-B82111B Datasheet
112Kb / 6P
   Chokes and inductors
B82131 EPCOS-B82131 Datasheet
108Kb / 7P
   Chokes and inductors
logo
Pulse A Technitrol Comp...
B902 PULSE-B902 Datasheet
1Mb / 4P
   Inductors And Common Mode Chokes
logo
EPCOS
B82144A EPCOS-B82144A Datasheet
194Kb / 9P
   Chokes and inductors For high frequency and EMC RF chokes, LBC series, axial
logo
TDK Electronics
B82500C0000A002 TDK-B82500C0000A002 Datasheet
524Kb / 6P
   Inductors VHF chokes
logo
EPCOS
B82111B EPCOS-B82111B_10 Datasheet
110Kb / 7P
   Inductors VHF chokes
logo
XFMRS Inc.
ISO9001-CERT XFMRS-ISO9001-CERT Datasheet
676Kb / 6P
   Design and manufacture of chokes, inductors, transformers and connectors
logo
TDK Electronics
B82144F1476J009 TDK-B82144F1476J009 Datasheet
453Kb / 8P
   Inductors RF chokes, LBC series
B82145A1104J000 TDK-B82145A1104J000 Datasheet
581Kb / 8P
   Inductors RF chokes, HLBC series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com