Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTA124XE Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PDTA124XE
Description  PNP resistor-equipped transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTA124XE Datasheet(HTML) 1 Page - NXP Semiconductors

  PDTA124XE Datasheet HTML 1Page - NXP Semiconductors PDTA124XE Datasheet HTML 2Page - NXP Semiconductors PDTA124XE Datasheet HTML 3Page - NXP Semiconductors PDTA124XE Datasheet HTML 4Page - NXP Semiconductors PDTA124XE Datasheet HTML 5Page - NXP Semiconductors PDTA124XE Datasheet HTML 6Page - NXP Semiconductors PDTA124XE Datasheet HTML 7Page - NXP Semiconductors PDTA124XE Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
Product specification
Supersedes data of 1998 Nov 25
1999 May 21
DISCRETE SEMICONDUCTORS
PDTA124XE
PNP resistor-equipped transistor
M3D173


Similar Part No. - PDTA124XE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA124XE PHILIPS-PDTA124XE Datasheet
93Kb / 14P
   PNP resistor-equipped transistors; R1 = 22 kohm, R2 = 47 kohm
2004 Aug 04
PDTA124XE NXP-PDTA124XE Datasheet
90Kb / 12P
   PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08-3 September 2009
logo
Nexperia B.V. All right...
PDTA124XE NEXPERIA-PDTA124XE Datasheet
205Kb / 13P
   PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08 - 3 September 2009
logo
NXP Semiconductors
PDTA124XEF PHILIPS-PDTA124XEF Datasheet
49Kb / 8P
   PNP resistor-equipped transistor
1999 May 25
PDTA124XEF PHILIPS-PDTA124XEF Datasheet
93Kb / 14P
   PNP resistor-equipped transistors; R1 = 22 kohm, R2 = 47 kohm
2004 Aug 04
More results

Similar Description - PDTA124XE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA114EK PHILIPS-PDTA114EK Datasheet
66Kb / 8P
   PNP resistor-equipped transistor
1998 May 19
PDTA114TE PHILIPS-PDTA114TE Datasheet
52Kb / 8P
   PNP resistor-equipped transistor
1998 Jul 23
PDTA114TT PHILIPS-PDTA114TT Datasheet
46Kb / 8P
   PNP resistor-equipped transistor
1999 Apr 13
PDTA143EE PHILIPS-PDTA143EE Datasheet
66Kb / 8P
   PNP resistor-equipped transistor
1998 Jul 23
PDTA143ZT PHILIPS-PDTA143ZT Datasheet
50Kb / 8P
   PNP resistor-equipped transistor
1999 May 25
PDTA144EE PHILIPS-PDTA144EE Datasheet
66Kb / 8P
   PNP resistor-equipped transistor
1998 Jul 23
PDTA124ET PHILIPS-PDTA124ET Datasheet
56Kb / 8P
   PNP resistor-equipped transistor
1999 Apr 13
PDTA124EU PHILIPS-PDTA124EU Datasheet
53Kb / 8P
   PNP resistor-equipped transistor
1999 Apr 13
PDTA144EU PHILIPS-PDTA144EU Datasheet
52Kb / 8P
   PNP resistor-equipped transistor
1999 Apr 15
PDTA114EEF PHILIPS-PDTA114EEF Datasheet
54Kb / 8P
   PNP resistor-equipped transistor
1999 May 21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com